Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3295 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3295
Description  Audio Frequency Amplifier Applications Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3295 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3295 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3295 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3295 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3295 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3295
2003-03-25
1
TOSHIBA Transistor
Silicon NPN Epitaxial Type (PCT process)
2SC3295
Audio Frequency Amplifier Applications
Switching Applications
· High hFE: hFE = 600~3600
· High voltage: VCEO = 50 V
· High collector current: IC = 150 mA (max)
· Small package
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Base current
IB
30
mA
Collector power dissipation
PC
150
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
0.1
mA
DC current gain
hFE
(Note)
VCE = 6 V, IC = 2 mA
600
¾
3600
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 10 mA
¾
0.12
0.25
V
Transition frequency
fT
VCE = 10 V, IC = 10 mA
100
250
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
3.5
¾
pF
NF (1)
VCE = 6 V, IC = 0.1 mA, f = 100 Hz,
Rg = 10 kW
¾
0.5
¾
Noise figure
NF (2)
VCE = 6 V, IC = 0.1 mA, f = 1 kHz,
Rg = 10 kW
¾
0.3
¾
dB
Note: hFE classification A: 600~1800, B: 1200~3600
Marking
Unit: mm
JEDEC
TO-236MOD
JEITA
SC-59
TOSHIBA
2-3F1A
Weight: 0.012 g (typ.)


Similar Part No. - 2SC3295

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3295 TOSHIBA-2SC3295 Datasheet
156Kb / 3P
NPN EPITAXIALTYPE (AUDIO FREQUENC AMPLIFIER, SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3295 KEXIN-2SC3295 Datasheet
37Kb / 1P
Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3295 TOSHIBA-2SC3295 Datasheet
195Kb / 4P
Audio Frequency Amplifier Applications Switching Applications
2SC3295 TOSHIBA-2SC3295 Datasheet
218Kb / 4P
Audio Frequency Amplifier Applications
2SC3295-A TOSHIBA-2SC3295-A Datasheet
218Kb / 4P
Audio Frequency Amplifier Applications
More results

Similar Description - 2SC3295

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA562TM TOSHIBA-2SA562TM_07 Datasheet
315Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182 TOSHIBA-2SA1182_07 Datasheet
318Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1313 TOSHIBA-2SA1313_07 Datasheet
316Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1588 TOSHIBA-2SA1588_07 Datasheet
332Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
HN1C07F TOSHIBA-HN1C07F Datasheet
138Kb / 3P
Audio Frequency Small Power Amplifier Applications Driver Stage Amplifier Applications Switching applications
2SA1313-YTE85LF TOSHIBA-2SA1313-YTE85LF Datasheet
198Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SA1182-Y TOSHIBA-2SA1182-Y Datasheet
151Kb / 3P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3295-B TOSHIBA-2SC3295-B Datasheet
195Kb / 4P
Audio Frequency Amplifier Applications Switching Applications
2SC3325Y TOSHIBA-2SC3325Y Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
2SC3325O TOSHIBA-2SC3325O Datasheet
144Kb / 4P
Audio Frequency Low Power Amplifier Applications Driver Stage Amplifier Applications Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com