Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3419 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC3419
Description  Medium-Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3419 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC3419 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3419 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3419 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3419 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC3419
2004-07-07
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC3419
Medium-Power Amplifier Applications.
• Low saturation voltage: VCE (sat) = 0.25 V (typ.)
(IC = 500 mA, IB = 50 mA)
• High collector power dissipation: PC = 1.2 W (Ta = 25°C)
• Complementary to 2SA1356
Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
40
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
800
mA
Base current
IB
80
mA
Ta = 25°C
1.2
Collector power
dissipation
Tc = 25°C
PC
5
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 40 V, IE = 0
―
―
1.0
µA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
―
―
1.0
µA
Collector-emitter breakdown voltage
VCEO
IC = 10 mA, IB = 0
40
―
―
V
hFE (1)
(Note)
VCE = 2 V, IC = 50 mA
70
―
240
DC current gain
hFE (2)
VCE = 2 V, IC = 0.8 A
13
60
―
Collector-emitter saturation voltage
VCE (sat)
IC = 500 mA, IB = 50 mA
―
0.25
0.8
V
Base-emitter voltage
VBE
VCE = 2 V, IC = 500 mA
―
0.90
1.1
V
Transition frequency
fT
VCE = 2 V, IC = 0.5 A
50
100
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
10
―
pF
Note: hFE (1) classification O: 70 to 140, Y: 120 to 240
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-8H1A
Weight: 0.82 g (typ.)


Similar Part No. - 2SC3419

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC3419 TOSHIBA-2SC3419 Datasheet
153Kb / 2P
NPN EPITAXIAL TYPE (MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
Inchange Semiconductor ...
2SC3419 ISC-2SC3419 Datasheet
290Kb / 2P
isc Silicon NPN Power Transistor
More results

Similar Description - 2SC3419

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1300 TOSHIBA-2SA1300_07 Datasheet
334Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
logo
Guangdong Kexin Industr...
2SC2982 KEXIN-2SC2982 Datasheet
339Kb / 2P
Medium Power Amplifier Applications
logo
Toshiba Semiconductor
2SA1242 TOSHIBA-2SA1242_10 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1430 TOSHIBA-2SA1430_06 Datasheet
143Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3072 TOSHIBA-2SC3072_05 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3670 TOSHIBA-2SC3670_04 Datasheet
125Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC3671 TOSHIBA-2SC3671_04 Datasheet
125Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4681 TOSHIBA-2SC4681_05 Datasheet
121Kb / 3P
Strobe Flash Applications Medium Power Amplifier Applications
2SC4781 TOSHIBA-2SC4781_04 Datasheet
94Kb / 3P
Medium Power Amplifier Applications
2SC5720 TOSHIBA-2SC5720 Datasheet
95Kb / 3P
MEDIUM POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com