Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3515 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # 2SC3515
Description  HIGH Voltage Control Applications Plasma Display, Nixie Tube Driver Applications Cathode Ray Tube Brightness Control Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3515 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  2SC3515 Datasheet HTML 1Page - Toshiba Semiconductor 2SC3515 Datasheet HTML 2Page - Toshiba Semiconductor 2SC3515 Datasheet HTML 3Page - Toshiba Semiconductor 2SC3515 Datasheet HTML 4Page - Toshiba Semiconductor 2SC3515 Datasheet HTML 5Page - Toshiba Semiconductor 2SC3515 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SC3515
2004-07-07
4
fT – IC
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
VBE (sat) – IC
Collector current IC (mA)
Reverse voltage VR (V)
Cib, Cob – VR
500
100
10
5
50
30
0.1
1
30
0.3
3
10
100
Common emitter
Ta
= 25°C
VCE = 10 V
5
1
3
300
500
100
10
5
50
30
0.1
1
30
0.3
3
10
100
Common emitter
VCE = 10 V
3
300
Ta
= 100°C
−55
25
0.1
0.3
1
30
0.3
0.1
Common emitter
IC/IB = 10
0.05
3
10
0.5
1
Ta
= 100°C
25
−55
3
100
0.03
0.1
3
1
100
30
0.3
0.5
1
0.3
3
10
5
10
Ta
= −55°C
25
100
Common emitter
IC/IB = 10
0.1
0.3
3
10
1
30
500
100
10
50
30
Common emitter
Ta
= 25°C
10
VCE = 20 V
5
300
0.1
10
1
0.3
1
30
100
50
3
5
10
30
100
3
300
300
Cib (IC = 0)
Cob (IE = 0)
f
= 1 MHz
Ta
= 25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com