Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH5771 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH5771
Description  SINGLE PHASE HALL EFFECT LATCH SMART FAN
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5771 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH5771 Datasheet HTML 1Page - Diodes Incorporated AH5771 Datasheet HTML 2Page - Diodes Incorporated AH5771 Datasheet HTML 3Page - Diodes Incorporated AH5771 Datasheet HTML 4Page - Diodes Incorporated AH5771 Datasheet HTML 5Page - Diodes Incorporated AH5771 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AH5771
SINGLE PHASE HALL EFFECT LATCH SMART FAN
MOTOR CONTROLLER
AH5771 Rev. 3
3 of 6
JUNE 2009
DS31656
www.diodes.com
© Diodes Incorporated
Logic
Block
Lock
Detector
Hall
Sensor
AMP
V
dd
O1
O2
Regulator
V
SS
Q1
Q2
Q4
Q3
Full Bridge Driver
Absolute Maximum Ratings
(Unless otherwise noted, at TA= 25
°C)
Symbol
Characteristics
Values
Unit
Vdd
Supply voltage
18
V
IO
(peak as hold)
Output Current (Peak as hold)
400
mA
PD
Power Dissipation
SIP-4L
550
mW
TST
Storage Temperature Range
-55 ~ 150
oC
Recommended Operating Conditions
Symbol
Characteristics
Conditions
Ratings
Unit
Vdd
Supply voltage
Operating
2.5~15
V
TA
Operating Temperature Range
Operating
-40 to +100
°C
Symbol
Characteristics
Conditions
Min
Typ.
Max
Unit
Idd
Supply Current
No Load
-
3.5
5
mA
VOH
Output Voltage High
IOUT = 200mA
11.4
-
-
V
VOL
Output Voltage Low
IOUT = 200mA
-
-
0.6
V
TON
On Time
Vdd = 12V
-
220
-
ms
RDR
Duty Ratio
TOFF / TON
-
10
-
Block Diagram
Electrical Characteristics
(TA = 25
°C, Vdd = 12V; unless otherwise specified)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com