Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP139 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP139
Description  300mA LOW-NOISE CMOS LDO
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP139 Datasheet(HTML) 6 Page - Diodes Incorporated

  AP139 Datasheet HTML 1Page - Diodes Incorporated AP139 Datasheet HTML 2Page - Diodes Incorporated AP139 Datasheet HTML 3Page - Diodes Incorporated AP139 Datasheet HTML 4Page - Diodes Incorporated AP139 Datasheet HTML 5Page - Diodes Incorporated AP139 Datasheet HTML 6Page - Diodes Incorporated AP139 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AP139
300mA LOW-NOISE CMOS LDO
AP139 Rev. 6
6 of 7
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Marking Information
(1) SOT25
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : a~z : Lead Free
( Top View )
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
A~Z : Green
Part Number
Package
Identification Code
AP139-15W
SOT25
N0
AP139-18W
SOT25
N1
AP139-20W
SOT25
N2
AP139-25W
SOT25
N3
AP139-28W
SOT25
N4
AP139-30W
SOT25
N5
AP139-33W
SOT25
N6
AP139-35W
SOT25
N7
Package Information
(All Dimensions in mm)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com