Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP331AWRG-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP331AWRG-7
Description  SINGLE DIFFERENTIAL COMPARATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP331AWRG-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP331AWRG-7 Datasheet HTML 1Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 2Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 3Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 4Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 5Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 6Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 7Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 8Page - Diodes Incorporated AP331AWRG-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
AP331A
SINGLE DIFFERENTIAL COMPARATOR
AP331A Rev. 2
1 of 13
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Wide supply
Voltage range: 2.0V to 36V
Single or dual supplies: ±1.0V to ±18V
Very low supply current drain (0.4mA) – independent of
supply voltage
Low input biasing current: 150nA
Low input offset current: ±70nA
Low input offset voltage: ±4mV
Input common-mode voltage range includes ground
Differential input voltage range equal to the power
supply voltage
Low output saturation voltage: 250mV at 4mA
Output voltage compatible with TTL, DTL, ECL, MOS
and CMOS logic systems
SOT25 and SOT25R: Available in “Green” Molding
Compound (No Br, Sb)
Lead Free Finish/ RoHS Compliant (Note 1)
The AP331A is a precision voltage comparators with an offset
voltage specification as low as 8.0 mV max for comparator which
were designed specifically to operate from a single power supply
over a wide range of voltages. Operation from split power
supplies is also possible and the low power supply current drain
is independent of the magnitude of the power supply voltage. The
comparator also have a unique characteristic in that the input
common-mode voltage range includes ground, even though
operated from a single power supply voltage.
Application areas include limit comparators, simple analog to
digital converters; pulse, square wave and time delay generators;
wide range VCO; MOS clock timers; multivibrators and high
voltage digital logic gates. The AP331A is designed to directly
interface with TTL and CMOS. When operated from both plus
and minus power supplies, the AP331A will directly interface with
MOS logic where their low power drain is a distinct advantage
over standard comparators.
High precision comparators
Reduced VOS drift over temperature
Eliminates need for dual supplies
Allows sensing near ground
Compatible with all forms of logic
Power drain suitable for battery operation
Ordering Information
Package
Packing
Lead Free
G : Green
7 : Tape & Reel
AP331A XX G - 7
W : SOT25
WR : SOT25R
Device
Package
Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
AP331AWG-7
W
SOT25
3000/Tape & Reel
-7
AP331AWRG-7
WR
SOT25R
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Features
General Description
Applications


Similar Part No. - AP331AWRG-7

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP3310GH A-POWER-AP3310GH Datasheet
170Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP3310GH-HF A-POWER-AP3310GH-HF Datasheet
111Kb / 6P
Simple Drive Requirement, 2.5V Gate Drive Capability
AP3310GH-HF A-POWER-AP3310GH-HF_14 Datasheet
111Kb / 6P
Simple Drive Requirement
AP3310GH-HF A-POWER-AP3310GH-HF_16 Datasheet
108Kb / 7P
Simple Drive Requirement
AP3310GHJ A-POWER-AP3310GHJ Datasheet
170Kb / 6P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - AP331AWRG-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL331 TI-TL331 Datasheet
60Kb / 4P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI-TL331_06 Datasheet
161Kb / 6P
SINGLE DIFFERENTIAL COMPARATOR
TL331-Q1 TI1-TL331-Q1 Datasheet
355Kb / 10P
SINGLE DIFFERENTIAL COMPARATOR
TL331KDBVR TI-TL331KDBVR Datasheet
744Kb / 10P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_14 Datasheet
698Kb / 12P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI-TL331-EP_15 Datasheet
687Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331-Q1 TI-TL331-Q1_15 Datasheet
687Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331 TI1-TL331 Datasheet
802Kb / 18P
Single Differential Comparator
TL331-Q1 TI1-TL331-Q1_13 Datasheet
703Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
TL331-EP TI1-TL331-EP_16 Datasheet
702Kb / 11P
SINGLE DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com