Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP393 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP393 Datasheet HTML 7Page - Diodes Incorporated AP393 Datasheet HTML 8Page - Diodes Incorporated AP393 Datasheet HTML 9Page - Diodes Incorporated AP393 Datasheet HTML 10Page - Diodes Incorporated AP393 Datasheet HTML 11Page - Diodes Incorporated AP393 Datasheet HTML 12Page - Diodes Incorporated AP393 Datasheet HTML 13Page - Diodes Incorporated AP393 Datasheet HTML 14Page - Diodes Incorporated AP393 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393
Document number: DS31006 Rev. 8 - 2
12 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Application Information
The AP393 is high gain, wide bandwidth devices, like most comparators, can easily oscillate if the output
lead is inadvertently allowed to capacitively couple to the inputs via stray capacitance. This shows up only during
the output voltage transition intervals as the comparator change states. Power supply bypassing is not required
to solve this problem. Standard PC board layout is helpful as it reduces stray input-output coupling. Reducing the
input resistors to < 10k
Ω reduces the feedback signal levels and finally, adding even a small amount (1.0 to
10 mV) of positive feedback (hysteresis) causes such a rapid transition that oscillations due to stray feedback
are not possible. Simply socketing the IC and attaching resistors to the pins will cause input-output oscillations
during the small transition intervals unless hysteresis is used. If the input signal is a pulse waveform, with
relatively fast rise and fall times, hysteresis is not required. All input pins of any unused comparators should be
tied to the negative supply.
The bias network of the AP393 establishes a drain current independent of the magnitude of the power
supply voltage over the range of from 2.0 VDC to 30 VDC. It is usually unnecessary to use a bypass capacitor
across the power supply line.
The differential input voltage may be larger than V+ without damaging the device (Note 11). Protection
should be provided to prevent the input voltages from going negative more than -0.3 VDC (at 25°C). An input
clamp diode can be used as shown in the applications section.
The output of the AP393 is the uncommitted collector of a grounded-emitter NPN output transistor. Many
collectors can be tied together to provide an output OR’ing function. An output pull-up resistor can be connected
to any available power supply voltage within the permitted supply voltage range and there is no restriction on this
voltage due to the magnitude of the voltage applied to the V
+ terminal of the AP393 package. The output can
also be used as a simple SPST switch to ground (when a pull-up resistor is not used). The amount of current the
output device can sink is limited by the drive available (which is independent of V
+) and the β of this device.
When the maximum current limit is reached (approximately 16mA), the output transistor will come out of
saturation and the output voltage will rise very rapidly. The output saturation voltage is limited by the
approximately 60
Ω r
SAT of the output transistor. The low offset voltage of the output transistor (1.0 mV) allows the
output to clamp essentially to ground level for small load currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com