Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1530 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP1530
Description  18V 3A 300KHz BUCK CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1530 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP1530 Datasheet HTML 2Page - Diodes Incorporated AP1530 Datasheet HTML 3Page - Diodes Incorporated AP1530 Datasheet HTML 4Page - Diodes Incorporated AP1530 Datasheet HTML 5Page - Diodes Incorporated AP1530 Datasheet HTML 6Page - Diodes Incorporated AP1530 Datasheet HTML 7Page - Diodes Incorporated AP1530 Datasheet HTML 8Page - Diodes Incorporated AP1530 Datasheet HTML 9Page - Diodes Incorporated AP1530 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AP1530
18V 3A 300KHz BUCK CONVERTER
AP1530 Rev. 7
6 of 12
NOVEMBER 2009
DS31092
www.diodes.com
© Diodes Incorporated
Typical Performance Characteristics
VIN vs. Frequency
(VOUT=3.3V; IOUT=0.2A)
320
322
324
326
328
330
332
334
336
338
340
2
4
6
8
101214
16
18
2022
VIN (V)
VIN vs. VFB
(VOUT=3.3V; IOUT=0.1A)
0.780
0.785
0.790
0.795
0.800
0.805
0.810
0.815
0.820
2
4
6
8
10
12
14
16
18
20
22
VIN (V)
Line Regulation
(VOUT=3.3V; IOUT=0.2A)
3.00
3.05
3.10
3.15
3.20
3.25
3.30
3.35
3.40
2468
10
12
14
16
18
20
22
VIN (V)
Load Regulation
(VIN=12V; VOUT=5V)
4.92
4.93
4.94
4.95
4.96
4.97
4.98
4.99
5.00
0
0.5
1
1.5
2
2.5
3
IOUT (A)
Efficiency
VIN=5V; VOUT=3.3V
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0
0.5
1
1.5
2
2.5
3
IOUT (A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com