Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1603 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP1603
Description  STEP-UP DC/DC CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1603 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP1603 Datasheet HTML 1Page - Diodes Incorporated AP1603 Datasheet HTML 2Page - Diodes Incorporated AP1603 Datasheet HTML 3Page - Diodes Incorporated AP1603 Datasheet HTML 4Page - Diodes Incorporated AP1603 Datasheet HTML 5Page - Diodes Incorporated AP1603 Datasheet HTML 6Page - Diodes Incorporated AP1603 Datasheet HTML 7Page - Diodes Incorporated AP1603 Datasheet HTML 8Page - Diodes Incorporated AP1603 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AP1603
STEP-UP DC/DC CONVERTER
AP1603
Document number: DS31131 Rev. 3 - 2
3 of 10
www.diodes.com
June 2010
© Diodes Incorporated
Pin Descriptions
Pin Name
Description
FB
Feedback.
GND
Ground.
REF
1.2V Reference Voltage. Bypass with a 0.1
μF capacitor.
LX
N-Channel and P-Channel Power MOSFET Drain.
OUT
Power Output. OUT provides bootstrap power to the IC.
SHDN
Shutdown Input. Drive high (>80% of VOUT) for operating mode. Drive low
(<20% of VOUT) for shutdown mode. Connect to OUT for normal operation.
Functional Block Diagram
S
Q
R
F/F
TRIG
One-Shot
Q
One-Shot
Q
TRIG
Maximum
On-Time
One-Shot
Current-Limit
Amplifier
Zero
Crossing
Amplifier
Minimum
Off-Time
One-Shot
LX
0.1uF
22uH
0.1uF
47uF
47uF
P
N
VIN
EN
Error
Amplifier
FB connects to
external feedback
resistors
FB connects to
Vcc or GND
FB
VOUT
GND
SHDN



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com