Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP7217 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP7217
Description  500mA CMOS LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7217 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP7217 Datasheet HTML 1Page - Diodes Incorporated AP7217 Datasheet HTML 2Page - Diodes Incorporated AP7217 Datasheet HTML 3Page - Diodes Incorporated AP7217 Datasheet HTML 4Page - Diodes Incorporated AP7217 Datasheet HTML 5Page - Diodes Incorporated AP7217 Datasheet HTML 6Page - Diodes Incorporated AP7217 Datasheet HTML 7Page - Diodes Incorporated AP7217 Datasheet HTML 8Page - Diodes Incorporated AP7217 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP7217
500mA CMOS LDO
AP7217
Document number: DS31292 Rev. 4 - 2
4 of 10
www.diodes.com
April 2010
© Diodes Incorporated
Electrical Characteristics (VIN = 12V, TA = +25°C, unless otherwise noted)
(TA = 25°C, CIN = 1µF, COUT = 1µF, VEN = VIN, unless otherwise noted)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
IQ
Quiescent Current
IO = 0mA
-
50
70
μA
ISTB
Standby Current
VEN = Off
VIN = 5.0V
15
30
μA
VROUT
Output Voltage Accuracy IO = 30mA, VIN = 5V
3.234
3.300
3.366
V
VROUT Temperature
Coefficient
-40
°C to 85°C, I
OUT = 30mA
±100
ppm /
oC
VDROPOUT
Dropout Voltage
IOUT = 100mA
100
250
mV
IOUT
Maximum Output
Current
VIN = 5.3V
500
mA
ILIMIT
Current Limit
VIN = 5.3V
600
mA
Ishort
Short Circuit Current
VIN = 5.3V
50
mA
ΔV
LINE/ΔVIN/VROUT
Line Regulation
4.3V
≤ V
IN ≤ 5.5V; IOUT = 30mA
0.01
±0.2
%/V
ΔVR
OUT
Load Regulation
1mA
≤ I
OUT ≤ 100mA, VIN = 5.3V
15
50
mV
PSRR
Power Supply Rejection
VIN = 4.3V+ 0.5Vp-
pAC,
IOUT = 50mA
F= 1KHz
55
dB
VEH
EN Input Threshold
Output ON
1.6
V
VEL
Output OFF
0.25
V
IEN
Enable Pin Current
-0.1
0.1
μA
VDF
Detect fall voltage
3.83
3.91
3.98
V
VHysteresis
VD Hysteresis Range
VDF
x1.02
VDF
x1.05
VDF
x1.08
V
IVDOUT
VD Supply Current
VDOUT = 0.5V
VIN = 2.0V
3.0V
20
30
mA
tRP
VDOUT Delay Time
VIN = 1.8V to VDF+ 1V
10
20
40
mSec
θ
JA
Thermal Resistance
Junction to Ambient
SOP-8L (Note 2)
134
ºC/W
θ
JC
Thermal Resistance
Junction to Case
SOP-8L (Note 2)
28
ºC/W
Notes:
2. Test conditions for SOP-8L: Devices mounted on FR-4 PC board, MRP, 2oz copper layout, calibrate at TJ=150 ºC, measure at
TA=25ºC, minimum recommended pad layout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com