Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS137 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ATS137
Description  SINGLE HALL EFFECT SWITCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS137 Datasheet(HTML) 3 Page - Diodes Incorporated

  ATS137_10 Datasheet HTML 1Page - Diodes Incorporated ATS137_10 Datasheet HTML 2Page - Diodes Incorporated ATS137_10 Datasheet HTML 3Page - Diodes Incorporated ATS137_10 Datasheet HTML 4Page - Diodes Incorporated ATS137_10 Datasheet HTML 5Page - Diodes Incorporated ATS137_10 Datasheet HTML 6Page - Diodes Incorporated ATS137_10 Datasheet HTML 7Page - Diodes Incorporated ATS137_10 Datasheet HTML 8Page - Diodes Incorporated ATS137_10 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ATS137
SINGLE HALL EFFECT SWITCH
ATS137 Rev. 10
3 of 12
FEBRUARY 2010
DS31045
www.diodes.com
© Diodes Incorporated
Regulator
Hall
Plate
Amp
1
3
2
VCC
GND
DO
Symbol
Characteristics
Values
Unit
VCC
Supply Voltage
20
V
VRCC
Reverse VCC Polarity Voltage
-20
V
B
Magnetic Flux Density
Unlimited
Vce
Output “OFF” Voltage
30
V
IC
Output “ON” Current
Continuous
25
mA
TST
Storage Temperature
-65~+150
°C
TJ(MAX)
Maximum Junction Temperature
150
°C
PD
Package Power Dissipation
SIP-3L
550
mW
SC59-3L
230
mW
Pin Descriptions
Pin Name
Pin #
Description
Vcc
1
Positive Power Supply
GND
2
Ground
DO
3
Digital Output
Functional Block Diagrams
Absolute Maximum Ratings
(TA = 25
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com