Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS177 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ATS177
Description  SINGLE OUTPUT HALL EFFECT LATCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ATS177 Datasheet(HTML) 1 Page - Diodes Incorporated

  ATS177 Datasheet HTML 1Page - Diodes Incorporated ATS177 Datasheet HTML 2Page - Diodes Incorporated ATS177 Datasheet HTML 3Page - Diodes Incorporated ATS177 Datasheet HTML 4Page - Diodes Incorporated ATS177 Datasheet HTML 5Page - Diodes Incorporated ATS177 Datasheet HTML 6Page - Diodes Incorporated ATS177 Datasheet HTML 7Page - Diodes Incorporated ATS177 Datasheet HTML 8Page - Diodes Incorporated ATS177 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
ATS177
SINGLE OUTPUT HALL EFFECT LATCH
ATS177
Document number: DS31055 Rev. 6 - 2
1 of 9
www.diodes.com
July 2010
© Diodes Incorporated
Description
ATS177 is an integrated Hall-Effect latch sensor designed for
electronic commutation of brush-less DC motor applications.
The device includes an on-chip Hall voltage generator for
magnetic sensing, a comparator that amplifies the Hall
voltage, and a schmitt trigger to provide switching hysteresis
for noise rejection, and open-collector output. An internal
bandgap regulator provides a temperature compensated
supply voltage for internal circuits and allows a wide operating
supply range.
When the magnetic flux density (B) is larger than operate
point (Bop), output is switched on (DO pin is pulled low). The
output state is held on until a magnetic flux density reversal
falls below Brp. When B is less than Brp, the output is
switched off.
The ATS177 is available in SIP-3L package.
Features
•
Bipolar Hall-Effect latch sensor
•
3.5V to 20V DC operating voltage
•
Temperature compensation
•
Open-collector pre-driver
•
25mA maximum output sink current
•
Built-in reverse polarity protection
•
Operating temperature: -40
°C to +125°C
•
SIP-3L package
•
Green Molding Compound (No Br, Sb) (Note 1)
Pin Assignments
(Top View)
1. Vcc
2. GND
3. DO
SIP-3L
Applications
•
Brush-less DC Motor
•
Brush-less DC Fan
•
Revolution counting
•
Speed measurement
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
+12V
U1
ATS177
VCC
1
GND
2
OUTPUT
3
Q1
NPN
Q2
NPN
R1
2K
R2
3K
D1
+
C1
0.47uF
+
C2
0.47uF
L1
L2
Brush-less DC Fan


Similar Part No. - ATS177

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177-P DIODES-ATS177-P Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177-PL-A-A DIODES-ATS177-PL-A-A Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
ATS177-PL-A-B DIODES-ATS177-PL-A-B Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
More results

Similar Description - ATS177

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
ATS177 ANACHIP-ATS177 Datasheet
193Kb / 6P
Single Output Hall Effect Latch
Rev.A6 Jun 23, 2004
logo
Unisonic Technologies
U652 UTC-U652 Datasheet
132Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Diodes Incorporated
ATS177 DIODES-ATS177 Datasheet
149Kb / 8P
SINGLE OUTPUT HALL EFFECT LATCH
ATS177 Rev. 1
logo
Unisonic Technologies
U651 UTC-U651_15 Datasheet
137Kb / 3P
SINGLE OUTPUT HALL EFFECT LATCH
logo
Major-Power Technology ...
MA7023 MPOWER-MA7023 Datasheet
352Kb / 7P
Single Output Hall Effect Latch
MA7021 MPOWER-MA7021 Datasheet
396Kb / 8P
Single Output Hall Effect Latch
MA177 MPOWER-MA177 Datasheet
231Kb / 5P
Single Output Hall Effect Latch
MA177H MPOWER-MA177H Datasheet
111Kb / 2P
Single Output Hall Effect Latch
Rev.1.1
MA7024 MPOWER-MA7024 Datasheet
123Kb / 2P
Single Output Hall Effect Latch
Rev.1.2
MA7026 MPOWER-MA7026 Datasheet
116Kb / 2P
Single Output Hall Effect Latch
Rev.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com