Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SEC1007 Datasheet(PDF) 1 Page - Sanken electric

Part # SEC1007
Description  1.6 횞 0.8 Miniature Surface Mount LEDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEC1007 Datasheet(HTML) 1 Page - Sanken electric

  SEC1007 Datasheet HTML 1Page - Sanken electric SEC1007 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
250
LEDs
■1.6 × 0.8 Miniature Surface Mount LEDs
SEC1007 Series
0.5
±0.1
0.7
Anode
Cathode
mark
Cathode
0.7
(0.2)
0.8
Resin
P.C.B.
1.0
0.5
0
0.5
1.0
0
30
60
90
-90
-60
-30
1.0
0.5
0
0.5
1.0
0
30
60
90
-90
-60
-30
1.0
0.5
0
0.5
1.0
0
30
60
90
-90
-60
-30
1.0
0.5
0
0.5
1.0
0
30
60
90
-90
-60
-30
SECS1B07C
Light amber
Water clear
1.9
2.5
10
45
10
600
10
596
10
15
10
AlGaInP
SECU1707C
Yellow
Water clear
2.2
2.5
10
15
10
572
10
571
10
15
10
AlGaInP
*Mass production in preparation
*
Part Number
Emitting Color
Lens Color
Forward Voltage
Luminous Intensity
Peak Wavelength
Dominant Wavelength Spectrum Half Bandwidth
Chip
Material
VF
(V)
TYP
TYP
TYP
TYP
TYP
MAX
Conditions
IF (mA)
Iv
(mcd)
Conditions
IF (mA)
λP
(nm)
Conditions
IF (mA)
∆λ
(nm)
Conditions
IF (mA)
λd
(nm)
Conditions
IF (mA)
InGaN
AlGaInP
Directional Characteristics (representative example)
External Dimensions
(Unit: mm)
Product Mass: Approx. 0.013 g
Dimensional Tolerance:
±0.3
5-1-3 Unicolor surface mount


Similar Part No. - SEC1007

ManufacturerPart #DatasheetDescription
logo
Sanyou Corporation Limi...
SEC100 SANYOU-SEC100 Datasheet
658Kb / 3P
High Voltage DC Relay
SEC100-500MF122 SANYOU-SEC100-500MF122 Datasheet
658Kb / 3P
High Voltage DC Relay
SEC100-500MF242 SANYOU-SEC100-500MF242 Datasheet
658Kb / 3P
High Voltage DC Relay
SEC100-500MF482 SANYOU-SEC100-500MF482 Datasheet
658Kb / 3P
High Voltage DC Relay
SEC100-750MF122 SANYOU-SEC100-750MF122 Datasheet
658Kb / 3P
High Voltage DC Relay
More results

Similar Description - SEC1007

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEC1005 SANKEN-SEC1005 Datasheet
440Kb / 2P
1.6 횞 0.8 Miniature Surface Mount LEDs
SECU1205C-S SANKEN-SECU1205C-S Datasheet
205Kb / 10P
1.6*0.8*0.55 Miniature Surface Mount LED
SECU1407C-TG SANKEN-SECU1407C-TG Datasheet
203Kb / 10P
1.6*0.8*0.7 Miniature Surface Mount LED
logo
Kingbright Corporation
APHF1608LSEEQBDZGKC KINGBRIGHT-APHF1608LSEEQBDZGKC Datasheet
347Kb / 4P
1.6 x 0.8 mm Full-Color Surface Mount LED
APHF1608SEEQBDZGKC KINGBRIGHT-APHF1608SEEQBDZGKC Datasheet
346Kb / 4P
1.6 x 0.8 mm Full-Color Surface Mount LED
logo
HK TO-GRACE TECHNOLOGY ...
APHF1608LSEEQBDZGKC TO-GRACE-APHF1608LSEEQBDZGKC Datasheet
1Mb / 4P
1.6 x 0.8 mm Full-Color Surface Mount LED
logo
SunLED Corporation
XZFBA53S10MAV-4 SUNLED-XZFBA53S10MAV-4 Datasheet
283Kb / 5P
1.6 x 0.8 mm Surface Mount LED Lamp
XZMDK53S-4 SUNLED-XZMDK53S-4 Datasheet
283Kb / 5P
1.6 x 0.8 mm Surface Mount LED Lamp
XZMYK53S-4 SUNLED-XZMYK53S-4 Datasheet
287Kb / 5P
1.6 x 0.8 mm Surface Mount LED Lamp
XZVG53S-4 SUNLED-XZVG53S-4 Datasheet
286Kb / 5P
1.6 x 0.8 mm Surface Mount LED Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com