Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSK Datasheet(PDF) 1 Page - ATMEL Corporation

Part # FSK
Description  Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FSK Datasheet(HTML) 1 Page - ATMEL Corporation

  FSK Datasheet HTML 1Page - ATMEL Corporation FSK Datasheet HTML 2Page - ATMEL Corporation FSK Datasheet HTML 3Page - ATMEL Corporation FSK Datasheet HTML 4Page - ATMEL Corporation FSK Datasheet HTML 5Page - ATMEL Corporation FSK Datasheet HTML 6Page - ATMEL Corporation FSK Datasheet HTML 7Page - ATMEL Corporation FSK Datasheet HTML 8Page - ATMEL Corporation FSK Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Integrated PLL Loop Filter
ESD Protection also at ANT1/ANT2
(4 kV HBM/200V MM; Except Pin 2: 4 kV HBM/100V MM)
High Output Power (5.5 dBm) with Low Supply Current (8.5 mA)
Modulation Scheme ASK/FSK
– FSK Modulation is Achieved by Connecting an Additional Capacitor Between the
XTAL Load Capacitor and the Open Drain Output of the Modulating Microcontroller
Easy to Design-in Due to Excellent Isolation of the PLL from the PA and Power Supply
Single Li-cell for Power Supply
Supply Voltage 2.0V to 4.0V in the Temperature Range of –40°C to +85°C/+125°C
Package TSSOP8L
Single-ended Antenna Output with High Efficient Power Amplifier
CLK Output for Clocking the Microcontroller
One-chip Solution with Minimum External Circuitry
125°C Operation for Tire Pressure Systems
1.
Description
The T5750 is a PLL transmitter IC which has been developed for the demands of RF
low-cost transmission systems at data rates up to 32 kBaud. The transmitting
frequency range is 868 MHz to 928 MHz. It can be used in both FSK and ASK
systems.
Figure 1-1.
System Block Diagram
Micro-
controller
PLL
UHF ASK/FSK
Remote control receiver
UHF ASK/FSK
Remote control transmitter
T5750
T5760/
T5761
LNA
VCO
PLL
XTO
LNA
VCO
Antenna
Demod
Control
1 to 3
Encoder
ATARx9x
XTO
1 Li cell
Keys
Antenna
UHF ASK/FSK
Transmitter
T5750
4546F–RKE–12/08


Similar Part No. - FSK

ManufacturerPart #DatasheetDescription
logo
Bertech.
FSK BERTECH-FSK Datasheet
177Kb / 1P
ESD Field Service Kits
logo
Tyco Electronics
FSK-21A-18 MACOM-FSK-21A-18 Datasheet
88Kb / 1P
FLEXSTRIP 짰 Jumpers
logo
List of Unclassifed Man...
FSK-S10 ETC1-FSK-S10 Datasheet
49Kb / 3P
FSK10 SERIES AC/DC CONVERTERS
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
AC-DC converter
logo
List of Unclassifed Man...
FSK-S10-12U ETC1-FSK-S10-12U Datasheet
49Kb / 3P
FSK10 SERIES AC/DC CONVERTERS
More results

Similar Description - FSK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS81 TI-SN75LVDS81 Datasheet
198Kb / 15P
FLATLINKE TRANSMITTER
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
Transmitter
logo
OPLINK Communications I...
STX48 OPLINK-STX48 Datasheet
407Kb / 4P
Transmitter
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
Transmitter
logo
ON Semiconductor
CS212 ONSEMI-CS212 Datasheet
64Kb / 8P
Transmitter
April, 2001 - Rev. 5
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
Transmitter
7/13/22
537693 FESTO-537693 Datasheet
99Kb / 1P
Transmitter
7/13/22
537695 FESTO-537695 Datasheet
100Kb / 1P
Transmitter
7/13/22
537703 FESTO-537703 Datasheet
104Kb / 1P
Transmitter
7/13/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com