Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC856A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BC856A
Description  PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC856A Datasheet(HTML) 3 Page - Diodes Incorporated

  BC856A_2 Datasheet HTML 1Page - Diodes Incorporated BC856A_2 Datasheet HTML 2Page - Diodes Incorporated BC856A_2 Datasheet HTML 3Page - Diodes Incorporated BC856A_2 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
0.1
10
100
1000
I , COLLECTOR CURRENT (mA)
Fig. 2 Collector Emitter Saturation Voltage
vs. Collector Current
C
T= 25°C
A
T= -50°C
A
T = 150°C
A
0
0.1
0.2
0.3
0.4
0.5
I
I
C
B
= 10
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs
Ambient Temperature
A
150
200
250
300
350
0
0
0.1
0.2
0.3
0.4
0.5
0.1
1.0
10
100
I , COLLECTOR CURRENT (mA)
Fig. 3, DC Current Gain vs. Collector Current
C
10
100
1000
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 4, Gain Bandwidth Product vs Collector Current
C
V= 5V
CE
DS11207 Rev. 19 - 2
3 of 4
www.diodes.com
BC856A-BC858C
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com