Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRB1545CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MBRB1545CT
Description  15A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRB1545CT Datasheet(HTML) 2 Page - Diodes Incorporated

  MBRB1545CT Datasheet HTML 1Page - Diodes Incorporated MBRB1545CT Datasheet HTML 2Page - Diodes Incorporated MBRB1545CT Datasheet HTML 3Page - Diodes Incorporated MBRB1545CT Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBRB1530CT - MBRB1545CT
Document number: DS13015 Rev. 6 - 2
2 of 4
www.diodes.com
September 2010
© Diodes Incorporated
MBRB1530CT - MBRB1545CT
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
MBRB
1530CT
MBRB
1535CT
MBRB
1540CT
MBRB
1545CT
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
35
40
45
V
RMS Reverse Voltage
VR(RMS)
21
24.5
28
31.5
V
Average Rectified Output Current
@ TC = 105°C
IO
15
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
150
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Terminal
RθJT
3.0
°C/W
Operating and Storage Temperature Range (Note 3)
TJ, TSTG
-65 to +175
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage, per Element
@ IF = 7.5A
VFM
0.7
V
Voltage Rate of Change
dv/dt
10,000
V/µs
Peak Reverse Current
@ TA = 25°C
at Rated DC Blocking Voltage (Note 4)
@ TA = 100°C
IRM
0.1
15
mA
Maximum Reverse Recovery Time (Note 5)
trr
30
ns
Typical Total Capacitance (Note 6)
CT
250
pF
Notes:
3. The heat generated must be less than the thermal conductivity from Junction-to-Ambient: dPD/dTJ < 1/RθJA
4. 300µs pulse width, 2% duty cycle.
5. Reverse recovery test conditions: IF = 0.5A, IR = 1.0A, Irr = 0.25A (see figure 1).
6. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.
0
4
8
12
16
20
050
100
200
T , CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
C
150
0.1
1.0
10
100
0.2
0.4
0.6
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, per Element
F
T = 25 C
j
ο



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com