Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3464MH Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3464MH
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464MH Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3464MH Datasheet HTML 8Page - National Semiconductor (TI) LM3464MH Datasheet HTML 9Page - National Semiconductor (TI) LM3464MH Datasheet HTML 10Page - National Semiconductor (TI) LM3464MH Datasheet HTML 11Page - National Semiconductor (TI) LM3464MH Datasheet HTML 12Page - National Semiconductor (TI) LM3464MH Datasheet HTML 13Page - National Semiconductor (TI) LM3464MH Datasheet HTML 14Page - National Semiconductor (TI) LM3464MH Datasheet HTML 15Page - National Semiconductor (TI) LM3464MH Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
As the system enters steady state, the rail voltage V
RAIL de-
creases and finally settles to an optimal level that maintains
the maximum power efficiency of the system. The voltage
level of V
RAIL under steady state can be calculated following
this equation:
V
RAIL = Vf(highest) + VVDHC
In the equation, V
RAIL is the rail voltage in steady state and
V
f(highest) is the total forward voltage of the LED string which
carry the highest forward voltage among the LED stings.
V
VDHC is the voltage at the VDHC pin. This voltage decides
the headroom voltage for the LM3464/64A driver stage and
equals to the minimum V
DRx among the drain voltages of the
MOSFETs under steady state. The VDHC pin is internally bi-
ased to 0.9V which also set the default voltage headroom to
0.9V. In applications that the output of the AC/DC converter
contains more than 0.9V peak-to-peak ripple voltage, the volt-
age headroom can be increased by applying external bias to
the VDHC pin.
DEFINING VOLTAGE HEADROOM
The voltage headroom is the rail voltage margin that reserve
for precision linear current regulation under steady state. Un-
der steady state, the voltage headroom is always minimized
by the LM3464/64A to reduce power losses on the MOSFETs
till one of the drain voltage (V
DRx) of the MOSFETs equals the
voltage on VDHC pin (0.9V typical).
With external bias, the voltage of the VDHC pin can be ad-
justed up or down to adapt to different types of primary power
supply. Figure 4 shows a simple resistor based biasing circuit
that derives biasing voltage from the output of the internal
voltage regulator, the VCC pin.
30115013
FIGURE 4. Adjusting Voltage Headroom with Resistors
With the additional resistors, the VDHC pin voltage is ad-
justable in between 0.8V and 2V. The values of R
A and RB
should be at least 10 times lower than the typical values of
the internal resistor divider of the VDHC pin (see Figure 4).
However, it is recommended not to set the voltage headroom
too low because the ripple voltage of the primary power sup-
ply output may cause visible flicker due to insufficient voltage
headroom. Thus the voltage headroom follows this equation:
where 0.8V < V
VDHC < 2V
SETTING LED CURRENT
The LED current regulating mechanism of the LM3464/64A
driver stage contains four individual LED current regulators.
Every LED current regulator is composed of an external MOS-
FET (Q
1-Q4), a current sensing resistor (RISNS1-RISNS4) and
an amplifier inside the LM3464/64A that monitors the feed-
back voltage from the current sensing resistor. The integrated
amplifier compares the voltage across current sensing resis-
tors (R
ISNS1-RISNS4) to a 200mV typical reference voltage and
controls the gate voltage of the MOSFETs (Q
1-Q4) to realize
linear current regulations. Figure 5 shows the simplified circuit
of the linear LED current regulators.
30115029
FIGURE 5. Linear LED Current Regulator
The driving currents of the LED strings are defined by the
values of R
ISNS1 to RISNS4 individually. The LED current and
the value of R
ISNSx are related by the following equation:
Since the accuracy of the LED currents are dependent on the
tolerance of R
ISNSx, the RISNSx to recommended to be thick
carbon file resistors with no more than 1% tolerance and ad-
equate rated power to the desired LED current.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com