Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3530 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3530
Description  High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C Compatible Interface
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3530 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM3530 Datasheet HTML 1Page - National Semiconductor (TI) LM3530 Datasheet HTML 2Page - National Semiconductor (TI) LM3530 Datasheet HTML 3Page - National Semiconductor (TI) LM3530 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LM3530 PRODUCT BRIEF
November 29, 2010
High Efficiency White LED Driver with Programmable
Ambient Light Sensing Capability and I2C Compatible
Interface
General Description
The LM3530 current mode boost converter supplies the pow-
er and controls the current in up to 11 series white LED’s. The
839mA current limit and 2.7V to 5.5V input voltage range,
makes the device a versatile backlight power source ideal for
operation in portable applications.
The LED current is adjustable from 0 to 29.5mA via an I2C
compatible interface. The 127 different current steps and 8
different maximum LED current levels give over 1000 pro-
grammable LED current levels. Additionally, PWM brightness
control is possible through an external logic level input.
Additionally, the device features two Ambient Light Sensor
inputs. These are designed to monitor analog output ambient
light sensors and provide programmable adjustment of the
LED current with changes in ambient light. Each ambient light
sensor input has independently programmable internal volt-
age setting resistors which can be made high impedance to
reduce power during shutdown. The LM3530's 500kHz
switching frequency allows for high converter efficiency over
a wide output voltage range accommodating from 2 to 11 se-
ries LEDs. Finally, the support of Content Adjusted Backlight-
ing maximizes battery life while maintaining display image
quality.
The LM3530 is available in a tiny 12-bump (1.6mm × 1.2mm
× 0.425mm) micro SMD package and operates over the -40°
C to +85°C temperature range.
Notice: This document is not a full datasheet. For more
imformation regarding this product, or to order samples,
please contact your National Semiconductor sales office
or visit http://www.national.com/support/dir.html.
Features
Drives up to 11 LED’s in series
1000:1 Dimming Ratio
90% Efficieny
Programmable Dual Ambient Light Sensor Inputs with
internal ALS Voltage Setting Resistors
I2C Programmable Logarithmic or Linear Brightness
Control
External PWM Input for Simple Brightness Adjustment
True Shutdown Isolation for LED's and Ambient Light
Sensors
Internal Soft-Start Limits Inrush Current
Wide 2.7V to 5.5V Input Voltage Range
40V Over-Voltage Protection
500 kHz Fixed Frequency Operation
839mA Peak Current Limit
Low Profile 12-bump micro SMD Package
Applications
Smartphone LCD Backlighting
Personal Navigation LCD Backlighting
2 to 11 series White LED Backlit Display Power Source
LM3530 Layout Example
30086683
© 2010 National Semiconductor Corporation
300866
www.national.com


Similar Part No. - LM3530

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3530 TI1-LM3530 Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
LM3530TME-40/NOPB TI1-LM3530TME-40/NOPB Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
LM3530TMX-40/NOPB TI1-LM3530TMX-40/NOPB Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
LM3530UME-25A/NOPB TI1-LM3530UME-25A/NOPB Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
LM3530UME-40/NOPB TI1-LM3530UME-40/NOPB Datasheet
7Mb / 50P
High-Efficiency White-LED Driver
More results

Similar Description - LM3530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCF03 STMICROELECTRONICS-STCF03 Datasheet
532Kb / 35P
High power white LED driver with I2C??interface
12-Sep-2007
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
White LED Driver with I2C Compatible Interface
logo
ON Semiconductor
NCP5021 ONSEMI-NCP5021 Datasheet
357Kb / 17P
High Voltage White LED Driver with Ambient Light Sensing
May, 2009 ??Rev. 0
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
Texas Instruments
LM3532 TI1-LM3532 Datasheet
1Mb / 45P
High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM3532 TI1-LM3532_13 Datasheet
1Mb / 47P
LM3532 High Efficiency White LED Driver with Programmable Ambient Light Sensing Capability and I2C-Compatible Interface
LM27966 TI1-LM27966 Datasheet
927Kb / 20P
LM27966 White LED Driver with I2C Compatible Interface
logo
Vishay Siliconix
VEML6031X00 VISHAY-VEML6031X00 Datasheet
241Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
19-May-2021
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
28-Apr-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
High Accuracy Ambient Light Sensor With I2C Interface
15-Oct-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com