Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3464AMHX Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3464AMHX
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3464AMHX Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3464AMHX Datasheet HTML 1Page - National Semiconductor (TI) LM3464AMHX Datasheet HTML 2Page - National Semiconductor (TI) LM3464AMHX Datasheet HTML 3Page - National Semiconductor (TI) LM3464AMHX Datasheet HTML 4Page - National Semiconductor (TI) LM3464AMHX Datasheet HTML 5Page - National Semiconductor (TI) LM3464AMHX Datasheet HTML 6Page - National Semiconductor (TI) LM3464AMHX Datasheet HTML 7Page - National Semiconductor (TI) LM3464AMHX Datasheet HTML 8Page - National Semiconductor (TI) LM3464AMHX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Pin Descriptions
Pin
Name
Description
Application Information
1
SYNC
Synchronization signal output for cascade
operation
(Master-Slave configuration)
Connect this pin to the DIM pin of other LM3464/64A to enable
cascade operation (multiple device). This pin should leave
open for single device operation.
2
DIM
PWM dimming control
Apply logic level PWM signal to this pin controls the average
brightness of the LED string. (<1.25V disable output).
3
Thermal
Thermal sensor input
Connect thermal sensor to this pin with bias accordingly to
facilitate thermal foldback and control the brightness of the
LED array.
4
Thermal_Cap
Thermal dimming ramp capacitor
Connect a capacitor across this pin and GND to define the
thermal dimming frequency.
5
VDHC
Head room control
Apply external voltage across this pin and ground to define the
minimum drain voltage. This pin is internal biased at 0.9V.
6
DMIN
Minimum thermal dimming duty control
The voltage across this pin and GND defines the minimum
thermal dimming duty cycle.
7
Faultb
Fault signal output
Open Drain output, pull-down when FAULT condition
occurred.
8
AGND
Signal ground
Analog ground connection for internal circuitry. Must be
connected to PGND external to the package.
9
FAULT_CAP
Fault delay capacitor
Connect to an external capacitor to program the fault response
time.
10
CDHC
DHC time constant capacitor
An external capacitor to ground programs the Dynamic
Headroom Control loop response time
11
OutP
DHC Output
Connect this pin to the voltage feedback input of primary power
supply to facilitate dynamic headroom control.
12
VLedFB
Output voltage sense input
This pin senses the output voltage of the primary power supply.
13
VCC
Internal regulator output
This pin is the output terminal of the internal voltage regulator
and should be bypassed by a high quality 1uF ceramic
capacitor.
14
EN
Enable input
This pin serves as device enable input when logic level signal
is applied. (Active high with internal pull-up)
15
VIN
Supply voltage
The input voltage should be in the range of 12V to 80V for
LM3464, 12–95V for LM3464A
16
DR4
Channel 4 drain sense input
This pin senses the drain voltage of the external MOSFET of
channel 4 to facilitate DHC operation and fault detection.
17
DR3
Channel 3 drain sense input
This pin senses the drain voltage of the external MOSFET of
channel 3 to facilitate DHC operation and fault detection.
18
DR2
Channel 2 drain sense input
This pin senses the drain voltage of the external MOSFET of
channel 2 to facilitate DHC operation and fault detection.
19
DR1
Channel 1 drain sense input
This pin senses the drain voltage of the external MOSFET of
channel 1 to facilitate DHC operation and fault detection.
3
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com