Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C8V2 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZX84C8V2
Description  350mW SURFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C8V2 Datasheet(HTML) 3 Page - Diodes Incorporated

  BZX84C8V2 Datasheet HTML 1Page - Diodes Incorporated BZX84C8V2 Datasheet HTML 2Page - Diodes Incorporated BZX84C8V2 Datasheet HTML 3Page - Diodes Incorporated BZX84C8V2 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZX84C2V4 - BZX84C39
Document number: DS18001 Rev. 28 - 2
3 of 4
www.diodes.com
April 2010
© Diodes Incorporated
BZX84C2V4 - BZX84C39
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
j
Test current I
5mA
Z
Test current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C39
C15
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Nominal Zener Voltage
Z
T= 25°C
J
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R
Ordering Information (Note 7)
Part Number
Case
Packaging
(Type Number)-7-F (Note 8)
SOT-23
3,000/Tape & Reel
(Type Number)-13-F (Note 9)
SOT-23
10,000/Tape & Reel
Notes:
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
8. Add “-7-F” to the appropriate type number in Electrical Characteristics Table on Page 2. Example: 6.2V Zener = BZX84C6V2-7-F.
9. Add “-13-F” to the appropriate type number in Electrical Characteristics Table on Page 2. Example: 2.7V Zener = BZX84C2V7-13-F. Please note: Not all
voltages are available in 13” reel size. Please contact the Diodes Inc. Sales Department for assistance in ordering 13” reel size devices.
Marking Information
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004 2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
SOT-23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
0°
8°
-
All Dimensions in mm
xxx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
xxx
A
M
J
L
D
F
B C
H
K
G
K1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com