Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAZ30 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SMAZ30
Description  1.0W SURFACE MOUNT ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMAZ30 Datasheet(HTML) 2 Page - Diodes Incorporated

  SMAZ30 Datasheet HTML 1Page - Diodes Incorporated SMAZ30 Datasheet HTML 2Page - Diodes Incorporated SMAZ30 Datasheet HTML 3Page - Diodes Incorporated SMAZ30 Datasheet HTML 4Page - Diodes Incorporated SMAZ30 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMAZ5V1 - SMAZ39
Document number: DS18015 Rev. 16 - 2
2 of 5
www.diodes.com
June 2009
© Diodes Incorporated
SMAZ5V1 - SMAZ39
Electrical Characteristics @TA = 25°C unless otherwise specified
Type
Number
Marking
Code
Zener Voltage
Range (Note 4)
Test
Current
Maximum Zener Impedance
Maximum
Reverse Current
IZM Max
(Note 3)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Nom (V)
Min (V)
Max (V)
mA
Ω
Ω
mA
µA
V
mA
SMAZ5V1
ZHK
5.1
4.84
5.40
100
5.0
500
1.0
2.5
1.0
196
SMAZ5V6
ZHL
5.60
5.32
5.88
100
2.0
250
2.0
5.0
2.0
179
SMAZ6V2
ZHN
6.20
5.89
6.51
100
2.0
200
2.0
5.0
3.0
161
SMAZ6V8
ZHO
6.80
6.46
7.14
100
2.0
200
1.0
5.0
4.0
147
SMAZ7V5
ZHQ
7.50
7.13
7.88
100
2.0
450
1.0
5.0
5.0
133
SMAZ8V2
ZHR
8.20
7.79
8.61
100
2.0
200
1.0
5.0
6.0
122
SMAZ9V1
ZHT
9.10
8.65
9.56
50
4.0
200
1.0
5.0
7.0
110
SMAZ10
ZHU
10.00
9.50
10.50
50
4.0
200
1.0
1.0
7.6
100
SMAZ12
ZHW
12.00
11.40
12.60
50
7.0
150
1.0
1.0
9.1
83
SMAZ15
ZHZ
15.00
14.25
15.75
50
10
150
1.0
1.0
11.4
67
SMAZ16
ZJA
16.00
15.20
16.80
25
15
150
1.0
0.5
12.2
63
SMAZ18
ZJF
18.00
17.10
18.90
25
15
150
1.0
0.5
13.7
56
SMAZ20
ZJG
20.00
19.00
21.00
25
15
180
1.0
0.5
15.2
50
SMAZ22
ZJK
22.00
20.90
23.10
25
15
180
1.0
0.5
16.7
45
SMAZ24
ZJL
24.00
22.80
25.20
25
15
180
1.0
0.5
18.2
42
SMAZ27
ZJN
27.00
25.65
28.35
25
15
200
1.0
0.5
20.5
37
SMAZ30
ZJQ
30.00
28.50
31.50
25
15
250
1.0
0.5
22.8
33
SMAZ33
ZJR
33.00
31.35
34.65
25
15
300
1.0
0.5
25.1
30
SMAZ36
ZJS
36.00
34.20
37.80
10
40
350
1.0
0.5
27.4
28
SMAZ39
ZJT
39.00
37.05
40.95
10
40
450
1.0
0.5
29.6
26
Notes:
4. Short duration pulse test used to minimize self-heating effect.
0
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
150
175
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs. Ambient Temperature
A
°
0
10
100
1,000
1
10
100
200
V , REVERSE VOLTAGE (V)
Fig. 2 Typical Total Capacitance vs. Reverse Voltage
R
SMAZ5V6
SMAZ27
f = 1MHz
SMAZ12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com