Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN100
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN100 Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN100 Datasheet HTML 1Page - Diodes Incorporated DMN100 Datasheet HTML 2Page - Diodes Incorporated DMN100 Datasheet HTML 3Page - Diodes Incorporated DMN100 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DMN100
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage
BVDSS
30
V
VGS = 0V, ID = 250μA
Zero Gate Voltage Drain Current
@ Tj = 25°C
@ Tj = 125°C
IDSS
1.0
10
μA
VDS = 24V, VGS = 0V
Gate-Body Leakage
IGSS
± 100
nA
VGS = ± 12V, VDS = 0V
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(th)
1.0
3.0
V
VDS = 10V, ID = 1.0mA
Static Drain-Source On-Resistance
RDS (ON)
0.170
0.240
Ω
VGS = 4.5V, ID = 0.5A
VGS = 10V, ID = 1.0A
Forward Transconductance
gFS
1.3
2.4
S
VDS = 10V, ID = 0.5A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
150
pF
Output Capacitance
Coss
90
pF
Reverse Transfer Capacitance
Crss
30
pF
VDS = 10V, VGS = 0V
f = 1.0MHz
Total Gate Charge
Qg
5.5
nC
Gate-to-Source Charge
Qgs
0.8
nC
Gate-to-Drain Charge
Qgd
1.3
nC
VDS = 24V, ID = 1.0A,
VGS = 10V
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
10
ns
Turn-Off Delay Time
tD(OFF)
25
ns
Turn-On Rise Time
tr
15
ns
Turn-Off Fall Time
tf
45
ns
VDD = 10V, ID = 0.5A,
VGS = 5.0V, RGEN = 50Ω
SOURCE-DRAIN RATINGS (BODY DIODE)
Continuous Source Current
IS
0.54
A
Pulse Source Current
ISM
4.0
A
Forward Voltage
VSD
1.2
V
IF = 1.0A, VGS = 0V
Reverse Recovery Time
trr
35
ns
IF = 1.0A, di/dt = 50A/μs
Notes:
4.
Pulse width
≤ 300μs, duty cycle ≤ 2%.
0
0.5
1.0
01
2
3
4
5
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 On-Region Characteristics
DS
1.5
2.0
2.5
3.0
3.5
4.0
0.01
0.1
1.0
0
1
2
3
4
I , DRAIN CURRENT (A)
Fig. 2 On-Resistance vs. Drain Current
D
V
= 4.5V
GS
V
= 10V
GS
DMN100
Document number: DS30049 Rev. 7 - 2
2 of 4
www.diodes.com
November 2007
© Diodes Incorporated



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com