Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA63 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBTA63
Description  PNP SURFACE MOUNT DARLINGTON TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA63 Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBTA63 Datasheet HTML 1Page - Diodes Incorporated MMBTA63 Datasheet HTML 2Page - Diodes Incorporated MMBTA63 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBTA63 / MMBTA64
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Complementary NPN Types Available
(MMBTA13 /MMBTA14)
•
Ideal for Low Power Amplification and Switching
•
High Current Gain
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 3 and 4)
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe). Terminal Connections: See Diagram
•
MMBTA63 Marking K2E, K3E See Page 3
•
MMBTA64 Marking K3E See Page 3
•
Ordering & Date Code Information: See Page 3
•
Weight: 0.008 grams (approximate)
A
E
J
L
TOP VIEW
M
DS30055 Rev. 8 - 2
1 of 3
www.diodes.com
MMBTA63 / MMBTA64
© Diodes Incorporated
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
B
C
C
BE
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-30
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-10
V
Collector Current - Continuous
(Note 1)
IC
-500
mA
Power Dissipation
(Note 1)
PD
300
mW
Thermal Resistance, Junction to Ambient
(Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 2)
Collector-Emitter Breakdown Voltage
V(BR)CEO
-30
⎯
V
IC = -100μA VBE = 0V
Collector Cutoff Current
ICBO
⎯
-100
nA
VCB = -30V, IE = 0
Emitter Cutoff Current
IEBO
⎯
-100
nA
VEB = -10V, IC = 0
ON CHARACTERISTICS (Note 2)
DC Current Gain
MMBTA63
MMBTA64
MMBTA63
MMBTA64
hFE
5,000
10,000
10,000
20,000
⎯
⎯
IC = -10mA, VCE = -5.0V
IC = -10mA, VCE = -5.0V
IC = -100mA, VCE = -5.0V
IC = -100mA, VCE = -5.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-1.5
V
IC = -100mA, IB = -100μA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
-2.0
V
IC = -100mA, VCE = -5.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
125
⎯
MHz
VCE = -5.0V, IC = -10mA,
f = 100MHz
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect
3. No purposefully added lead. Halogen and Antimony Free.
4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
H
G
D
D
K
E
B
C
Please click here to visit our online spice models database.


Similar Part No. - MMBTA63

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA63 TRSYS-MMBTA63 Datasheet
132Kb / 1P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Samsung semiconductor
MMBTA63 SAMSUNG-MMBTA63 Datasheet
64Kb / 2P
PNP (DARLINGTON TRANSISTOR)
logo
Fairchild Semiconductor
MMBTA63 FAIRCHILD-MMBTA63 Datasheet
29Kb / 2P
PNP Darlington Transistor
logo
Diodes Incorporated
MMBTA63 DIODES-MMBTA63 Datasheet
46Kb / 2P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 3 - 2
logo
KEC(Korea Electronics)
MMBTA63 KEC-MMBTA63 Datasheet
184Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLING TON TRANSISTOR)
More results

Similar Description - MMBTA63

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMBTA63 TRSYS-MMBTA63 Datasheet
132Kb / 1P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
logo
Diodes Incorporated
MMBTA63 DIODES-MMBTA63 Datasheet
46Kb / 2P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 3 - 2
logo
Central Semiconductor C...
CXTA62 CENTRAL-CXTA62 Datasheet
69Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
CZTA77 CENTRAL-CZTA77 Datasheet
73Kb / 2P
SURFACE MOUNT PNP SILICON DARLINGTON TRANSISTOR
logo
Diodes Incorporated
MMBTA63 DIODES-MMBTA63_1 Datasheet
79Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30055 Rev. 7 - 2
MMSTA63 DIODES-MMSTA63_1 Datasheet
80Kb / 4P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
DS30159 Rev. 8 - 2
MMSTA63 DIODES-MMSTA63_2 Datasheet
113Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 9 - 2
MMBTA63 DIODES-MMBTA63_15 Datasheet
110Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 8
MMSTA63 DIODES-MMSTA63_15 Datasheet
113Kb / 3P
PNP SURFACE MOUNT DARLINGTON TRANSISTOR
Rev 9
logo
Guangdong Kexin Industr...
MMSTA63 KEXIN-MMSTA63 Datasheet
142Kb / 3P
PNP Surface Mount Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com