Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3906 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBT3906
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT3906 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBT3906 Datasheet HTML 1Page - Diodes Incorporated MMBT3906 Datasheet HTML 2Page - Diodes Incorporated MMBT3906 Datasheet HTML 3Page - Diodes Incorporated MMBT3906 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MMBT3906
Document number: DS30059 Rev. 14 - 2
3 of 4
www.diodes.com
December 2008
© Diodes Incorporated
MMBT3906
1
10
1,000
100
0.1
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 3 Typical DC Current Gain
vs. Collector Current (DRDP02W)
C
0.01
0.1
10
1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
C
0.1
1
10
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 5 Typical Base-Emitter Saturation Voltage
vs. Collector Current
C
I
C
I
B
= 10
T = 25°C
A
T = 75°C
A
T = -25°C
A
T = 125°C
A
1
100
10
0.1
1
10
100
V , REVERSE VOLTAGE (V)
Fig. 6 Typical Capacitance Characteristics
R
f = 1MHz
Cibo
Cobo
Ordering Information (Note 5)
Part Number
Case
Packaging
MMBT3906 -7-F
SOT-23
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004 2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
K3N = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
K3N



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com