Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C20522102 Datasheet(PDF) 2 Page - General Cable Technologies Corporation

Part # C20522102
Description  Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C20522102 Datasheet(HTML) 2 Page - General Cable Technologies Corporation

  C20522102 Datasheet HTML 1Page - General Cable Technologies Corporation C20522102 Datasheet HTML 2Page - General Cable Technologies Corporation C20522102 Datasheet HTML 3Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Standard Package Quantity:
1
UPC #:
079407002528
Put-up:
1000
Cube:
277.0596
Weight Per Unit of Measure:
.0067
ColorOption:
White
Product Information:
Applications:
Internal wiring of electrical and electronic equipment
Internal wiring of panels and meters
Point-to-point wiring
Suggested voltage rating: 300 Volts
Compliances:
CSA TR-64 - 90ºC, 300V
Designed to Meet UL VW-1 Vertical Wire Flame Test
UL Style 1007 - 80°C, 300V
UL Style 1569 - 105°C, 300V
Packaging:
10,000 foot (3048m) Reels
1000' (305m) Spools
Other put-ups available- consult Customer Service
Reference Charts
Color Code Chart
Technical Specifications
Unit Conversion Factors
Cable Design Equations - Balanced Pair
Insulation and Jacket Properties
Temperature Conversion Chart
Decimal and Unit Conversion Factors
Cable Design Equations - Braid Shield
AWG Conductor Chart
Conduit Capacity Chart
Cable Design Equations - Coaxial Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com