Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54WS Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT54WS
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54WS Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT54WS_08 Datasheet HTML 1Page - Diodes Incorporated BAT54WS_08 Datasheet HTML 2Page - Diodes Incorporated BAT54WS_08 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT54WS
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
•
Fast Switching
•
Ultra-Small Surface Mount Package
•
PN Junction Guard Ring for Transient and ESD Protection
•
Lead, Halogen and Antimony Free, RoHS Compliant
•
"Green" Device (Notes 3 and 5)
Mechanical Data
•
Case: SOD-323
•
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Leads: Solderable per MIL-STD-202, Method 208
•
Also Available in Lead Free Plating (Matte Tin Finish annealed
over Alloy 42 leadframe). Polarity: Cathode Band
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.004 grams (approximate)
Top View
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Forward Current
IO
100
mA
Forward Continuous Current (Note 1)
IF
200
mA
Repetitive Peak Forward Current (Note 1)
IFRM
300
mA
Forward Surge Current (Note 1)
@ t < 1.0s
IFSM
600
mA
.
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range (Note 4)
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 2)
V(BR)R
30
⎯
⎯
V
IR = 100μA
Forward Voltage
VFM
⎯
⎯
240
320
400
500
1000
mV
IF = 0.1mA
IF =
1mA
IF = 10mA
IF = 30mA
IF = 100mA
Reverse Leakage Current (Note 2)
IRM
⎯
⎯
2.0
μA
VR = 25V
Total Capacitance
CT
⎯
⎯
10
pF
VR = 1.0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
5.0
ns
IF = 10mA through IR = 10mA
to IR = 1.0mA, RL = 100Ω
Notes:
1. Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. Short duration pulse test used to minimize self-heating effect.
3. No purposefully added lead. Halogen and Antimony Free.
4.
>
thermal runaway condition for a diode on its own heatsink.
1
RθJA
5. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
d Ptot
d TJ
BAT54WS
Document number: DS30098 Rev. 11 - 2
1 of 3
www.diodes.com
August 2008
© Diodes Incorporated
Please click here to visit our online spice models database.


Similar Part No. - BAT54WS_08

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS_04 Datasheet
101Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Won-Top Electronics
BAT54WS WTE-BAT54WS_06 Datasheet
37Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS_09 Datasheet
73Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - BAT54WS_08

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com