Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N7002W Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002W
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002W Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002W Datasheet HTML 1Page - Diodes Incorporated 2N7002W Datasheet HTML 2Page - Diodes Incorporated 2N7002W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N7002W
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 3)
Drain-Source Breakdown Voltage
BVDSS
60
70
⎯
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
@ TC = 25°C
@ TC = 125°C
IDSS
⎯
⎯
1.0
500
μA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±10
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
1.0
⎯
2.0
V
VDS = VGS, ID = 250μA
VGS = 5.0V, ID = 0.05A
Static Drain-Source On-Resistance
@ TJ = 25°C
@ Tj = 125°C
RDS(ON)
⎯
1.8
2.6
7.5
13.5
Ω
VGS = 10V, ID = 0.5A
On-State Drain Current
ID(ON)
0.5
1.0
⎯
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
⎯
⎯
mS
VDS = 10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
22
50
pF
Output Capacitance
Coss
⎯
11
25
pF
Reverse Transfer Capacitance
Crss
⎯
2.0
5.0
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
⎯
7.0
20
ns
Turn-Off Delay Time
tD(OFF)
⎯
11
20
ns
VDD = 30V, ID = 0.2A,
RL = 150Ω, VGEN = 10V,
RGEN = 25Ω
Notes:
3. Short duration pulse test used to minimize self-heating effect.
0
0.2
0.4
0.6
0.8
1.0
01
2
3
45
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 On-Region Characteristics
DS
0
1
2
3
4
5
00.2
I , DRAIN CURRENT (A)
Fig. 2 On-Resistance vs. Drain Current
D
6
7
0.4
0.6
0.8
1.0
0.0
0.5
1.0
2.5
2.0
1.5
3.5
3.0
-55
-30
-5
20
45
70
95
120 145 170
T , JUNCTION TEMPERATURE ( C)
Fig. 3 On-Resistance vs. Junction Temperature
J
°
0
V
, GATE TO SOURCE VOLTAGE (V)
Fig. 4 On-Resistance vs. Gate-Source Voltage
GS
1
2
3
4
5
6
0
2
4
6
8
10
1214
1618
2N7002W
Document number: DS30099 Rev. 14 - 2
2 of 3
www.diodes.com
August 2008
© Diodes Incorporated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com