Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD2007F Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # MTD2007F
Description  Constant Current Control Function (Fixed Frequency PWM Control)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MTD2007F Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  MTD2007F Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd MTD2007F Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd MTD2007F Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd MTD2007F Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.shindengen.co.jp/product/semi/
U170-1
Electrical Characteristics
Ta=25
,VCC=5V
Ta=25
,VCC=5V unless otherwise specified
Parameter
Symbol
Condition
min.
typ.
max.
Unit
Output stage
Vmm
2
OFF
Load Supply Current 2 Circuit OFF
Imm (OFF)
Vmm=45V, VI0/I1=5V
-
-
10
mA
Output Saturation Voltage Upper side
VCE SAT HIC=0.8A
-
1.3
1.5
V
Output Saturation Voltage Lower side
VCE SAT LIC=0.8A
-
1.2
1.4
V
Output Leakage Current
Ir
Vmm=50V
-
-
10
A
Diode Forward Drop Upper side
VFHIf=0.8A
-
1.4
1.6
V
Diode Forward Drop Lower side
VFLIf=0.8A
-
1.3
1.5
V
Logic stage
VCC
2
ON
Logic Supply Current 2 Circuit ON
ICC (ON)
-35
47
mA
VCC
2
OFF
Logic Supply Current 2 Circuit OFF
ICC (OFF)
VI0/I1=5V
-
30
42
mA
PHASE
H
PHASE
H
Input Voltage
VPHAH2.3
-
VCC
V
PHASE
L
PHASE
L
Input Voltage
VPHALGND
-
0.8
V
PHASE
H
PHASE
H
Input Current
IPHAHVPHA=5V
-
-
10.0
A
PHASE
L
PHASE
L
Input Current
IPHALVPHA=0V
-
-1.0
-10.0
A
I0,I1
H
I0,I1
H
Input Voltage
VI0/I1H2.3
-
VCC
V
I0,I1
L
I0,I1
L
Input Voltage
VI0/I1LGND
-
0.8
V
I0,I1
H
I0,I1
H
Input Current
II0/I1HVI0/I1=5V
-
-
10.0
A
I0,I1
L
I0,I1
L
Input Current
II0/I1LVI0/I1=0V
-
-2.0
-10.0
A
Vref
Vref Input Current
Iref
Vref=0V
-
-1.0
-10.0
A
Vs
Vs Input Current
Is
Vs=0V
-
-1.0
-10.0
A
Comp
100
Comparator Threshold 100%
Vs1
Vref=5V, I0=L, I1=L
0.475
0.500
0.525
V
Comp
70
Comparator Threshold 70%
Vs2
Vref=5V, I0=H, I1=L
0.322
0.350
0.378
V
Comp
40
Comparator Threshold 40%
Vs3
Vref=5V, I0=L, I1=H
0.180
0.200
0.220
V
Chopping Frequency
fchop
Ct=4700pF,Rt=13k
-22
-
kHz
Blanking Time
tb
Ct=4700pF
-
2.2
-
s
Thermal Shutdown Temperature
TTSD
-
150
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com