Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70TW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BAS70TW
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS70TW Datasheet(HTML) 3 Page - Diodes Incorporated

  BAS70TW Datasheet HTML 1Page - Diodes Incorporated BAS70TW Datasheet HTML 2Page - Diodes Incorporated BAS70TW Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
BAS70TW /DW-04
/DW-05 /DW-06 /BRW
Document number: DS30158 Rev. 12 - 2
3 of 3
www.diodes.com
July 2008
© Diodes Incorporated
BAS70TW /DW-04 /DW-05 /DW-06 /BRW
Marking Information
Kxx = Product Type Marking Code
For Symmetrical Configuration, No Orientation Indicator
K75 = BAS70BRW
K74 = BAS70DW-04
K71 = BAS70DW-05
K76 = BAS70DW-06
K73 = BAS70TW
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
Kxx
Kxx YM
Date Code Key
Year
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
M
N
P
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
Suggested Pad Layout
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
A
M
J
L
D
B C
H
K
F
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.40
0.45
H
1.80
2.20
J
0
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.22
α
0°
8°
All Dimensions in mm
X
Z
Y
C
E
E
G
Dimensions
Value (in mm)
Z
2.5
G
1.3
X
0.42
Y
0.6
C
1.9
E
0.65



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com