Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSTA55 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMSTA55
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMSTA55 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMSTA55 Datasheet HTML 1Page - Diodes Incorporated MMSTA55 Datasheet HTML 2Page - Diodes Incorporated MMSTA55 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
MMSTA55
MMSTA56
V(BR)CBO
-60
-80
⎯
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
MMSTA55
MMSTA56
V(BR)CEO
-60
-80
⎯
V
IC = -1.0mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-4.0
⎯
V
IE = -100μA, IC = 0
Collector Cutoff Current
MMSTA55
MMSTA56
ICBO
⎯
-100
nA
VCB = -60V, IE = 0
VCB = -80V, IE = 0
Collector Cutoff Current
MMSTA55
MMSTA56
ICEX
⎯
-100
nA
VCE = -60V, IBO = 0V
VCE = -80V, IBO = 0V
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
100
⎯
⎯
IC = -10mA, VCE = -1.0V
IC = -100mA, VCE = -1.0V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
-0.25
V
IC = -100mA, IB = -10mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
-1.2
V
IC = -100mA, VCE = -1.0V
SMALL SIGNAL CHARACTERISTICS
Current Gain-Bandwidth Product
fT
50
⎯
MHz
VCE = -1.0V, IC = -100mA,
f = 100MHz
Notes:
5. Short duration pulse test used to minimize self-heating effect.
0
50
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs. Ambient Temperature
A
100
150
200
0
0
0.05
0.10
0.15
0.20
0.25
110
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 2, Collector Emitter Saturation Voltage vs. Collector Current
C
I
I
C
B
= 10
T = -50°C
A
T = 25°C
A
T = 150°C
A
10
1,000
100
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 3, DC Current Gain vs. Collector Current
C
T = -50°C
A
T = 25°C
A
T = 150°C
A
V
= 5V
CE
1
0.1
0.1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 4 Base Emitter Voltage vs. Collector Current
C
0.2
0.3
0.4
0.6
0.5
0.8
0.7
0.9
1.0
V
= 5V
CE
T = 25°C
A
T = -50°C
A
T = 150°C
A
DS30167 Rev. 10 - 2
2 of 3
www.diodes.com
MMSTA55/MMSTA56
© Diodes Incorporated



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com