Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT123S Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBT123S
Description  1A NPN SURFACE MOUNT TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBT123S Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBT123S_2 Datasheet HTML 1Page - Diodes Incorporated MMBT123S_2 Datasheet HTML 2Page - Diodes Incorporated MMBT123S_2 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBT123S
1A NPN SURFACE MOUNT TRANSISTOR
Features
•
Epitaxial Planar Die Construction
•
Ideal for Medium Power Amplification and Switching
•
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 2 and 4)
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Solderable per MIL-STD-202, Method 208
•
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
•
Terminal Connections: See Diagram
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.008 grams (approximate)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
A
DS30292 Rev. 7 - 2
1 of 3
www.diodes.com
MMBT123S
© Diodes Incorporated
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
45
V
Collector-Emitter Voltage
VCEO
18
V
Emitter-Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
1
A
Power Dissipation (Note 1)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 1)
RθJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 3)
Collector-Base Breakdown Voltage
V(BR)CBO
45
⎯
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
18
⎯
V
IC = 1mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
⎯
V
IE = 100μA, IC = 0
Collector Cutoff Current
ICBO
⎯
1
μA
VCB = 40V, IE = 0
Emitter Cutoff Current
IEBO
⎯
1
μA
VEB = 4V, IC = 0
ON CHARACTERISTICS (Note 3)
DC Current Gain
hFE
150
800
⎯
IC = 100mA, VCE = 1V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
0.5
V
IC = 300mA, IB = 30mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
8
pF
VCB = 10V, f = 1.0MHz, IE = 0
Current Gain-Bandwidth Product
fT
100
⎯
MHz
VCB = 10V, IE = 50mA,
f = 100MHz
Notes:
1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout
document AP02001, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead. Halogen and Antimony Free.
3. Short duration pulse test used to minimize self-heating effect.
4. Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code
V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
E
B
C
E
J
L
TOP VIEW
M
B
C
H
G
D
K
C
B
E
Please click here to visit our online spice models database.


Similar Part No. - MMBT123S_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT123S-7 DIODES-MMBT123S-7 Datasheet
55Kb / 3P
1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 3 - 2
MMBT123S-7-F DIODES-MMBT123S-7-F Datasheet
81Kb / 3P
1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 6 - 2
MMBT123S DIODES-MMBT123S_1 Datasheet
81Kb / 3P
1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 6 - 2
More results

Similar Description - MMBT123S_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT123S DIODES-MMBT123S Datasheet
55Kb / 3P
1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 3 - 2
MMBT123S DIODES-MMBT123S_1 Datasheet
81Kb / 3P
1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 6 - 2
DNBT8105 DIODES-DNBT8105 Datasheet
185Kb / 4P
1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 7 - 2
DPBT8105 DIODES-DPBT8105 Datasheet
91Kb / 4P
1A PNP SURFACE MOUNT TRANSISTOR
DS30514 Rev. 6 - 2
DNBT8105 DIODES-DNBT8105_09 Datasheet
92Kb / 4P
1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 9 - 2
DPBT8105 DIODES-DPBT8105_1 Datasheet
129Kb / 4P
1A PNP SURFACE MOUNT TRANSISTOR
DS30514 Rev. 8 - 2
DCP55 DIODES-DCP55 Datasheet
361Kb / 4P
NPN SURFACE MOUNT TRANSISTOR
DS30707 Rev. 6 - 2
DNBT8105 DIODES-DNBT8105_11 Datasheet
90Kb / 5P
1A NPN SURFACE MOUNT TRANSISTOR
Rev 10
DNBT8105 DIODES-DNBT8105_15 Datasheet
90Kb / 5P
1A NPN SURFACE MOUNT TRANSISTOR
Rev 10
DPBT8105 DIODES-DPBT8105_15 Datasheet
104Kb / 5P
1A PNP SURFACE MOUNT TRANSISTOR
Rev 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com