Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B130LAW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # B130LAW
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B130LAW Datasheet(HTML) 3 Page - Diodes Incorporated

  B130LAW Datasheet HTML 1Page - Diodes Incorporated B130LAW Datasheet HTML 2Page - Diodes Incorporated B130LAW Datasheet HTML 3Page - Diodes Incorporated B130LAW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B130LAW
0
2.5
5.0
7.5
10
12.5
110
100
NUMBER OF CYCLES AT 60 Hz
Fig. 7 Maximum Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Notes:
5. Device mounted on GETEK substrate, 2”x2”, 2 oz. copper, double-sided, cathode pad dimensions 0.75” x 1.0”, anode pad dimensions 0.25” x 1.0”.
6. Device mounted on FR-4 substrate, 2”x2”, 2 oz. copper, single-sided, pad layout as per Diodes Inc. suggested pad layout document AP02001 which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
7. RθJA estimated to be approximately 220 °C/W.
Ordering Information (Note 8)
Part Number
Case
Packaging
B130LAW-7-F
SOD-123
3000/Tape & Reel
Notes:
8. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
SX = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month (ex: 9 = September)
SX
Date Code Key
B130LAW
Document number: DS30308 Rev. 9 - 2
3 of 4
www.diodes.com
June 2008
© Diodes Incorporated
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
K
L
M
C
H
B
A
SOD-123
Dim
Min
Max
A
0.55 Typ
B
1.40
1.70
C
3.55
3.85
H
2.55
2.85
J
0.00
0.10
K
1.00
1.35
L
0.25
0.40
M
0.10
0.15
0
8°
α
All Dimensions in mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com