Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDC124EU Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDC124EU
Description  NPN PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDC124EU Datasheet(HTML) 2 Page - Diodes Incorporated

  DDC124EU_2 Datasheet HTML 1Page - Diodes Incorporated DDC124EU_2 Datasheet HTML 2Page - Diodes Incorporated DDC124EU_2 Datasheet HTML 3Page - Diodes Incorporated DDC124EU_2 Datasheet HTML 4Page - Diodes Incorporated DDC124EU_2 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS30345 Rev. 9 - 2
2 of 5
www.diodes.com
DDC (xxxx) U
© Diodes Incorporated
Electrical Characteristics
@TA = 25°C unless otherwise specified
Characteristic
(DDC113TU & DDC143TU & DDC114TU only)
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
−−
−−
V
IC = 50μA
Collector-Emitter Breakdown Voltage
BVCEO
50
−−
−−
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
−−
−−
V
IE = 50μA
Collector Cutoff Current
ICBO
−−
−−
0.5
μA
VCB = 50V
Emitter Cutoff Current
IEBO
−−
−−
0.5
μA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(sat)
−−
−−
0.3
V
IC/IB = 2.5mA / 0.25mA
DDC143TU
IC/IB = 1mA / 0.1mA
DDC114TU
IC/IB = 10mA / 1mA
DDC113TU
DC Current Transfer Ratio
hFE
100
250
600
−−
IC = 1mA, VCE = 5V
Input Resistor (R1) Tolerance
ΔR1
-30
⎯
+30
%
⎯
Gain-Bandwidth Product*
fT
⎯
250
⎯
MHz
VCE = 10V, IE = -5mA, f = 100MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
Vl(off)
0.5
0.5
0.3
0.5
0.5
1.1
1.1
⎯
⎯
1.1
⎯
VCC = 5V, IO = 100μA
Input Voltage
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
Vl(on)
⎯
1.9
1.9
⎯
⎯
1.9
3.0
3.0
1.4
1.1
3.0
V
VO = 0.3, IO = 5mA
VO = 0.3, IO = 2mA
VO = 0.3, IO = 1mA
VO = 0.3, IO = 5mA
VO = 0.3, IO = 10mA
Output Voltage
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
VO(on)
⎯
0.1
0.3
V
IO/Il = 10mA / 0.5mA
IO/Il = 10mA / 0.5mA
IO/Il = 5mA / 0.25mA
IO/Il = 5mA / 0.25mA
IO/Il = 10mA / 0.5mA
Input Current
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
Il
⎯
⎯
0.36
0.18
0.88
3.6
0.88
mA
VI = 5V
Output Current
IO(off)
⎯
⎯
0.5
μA
VCC = 50V, VI = 0V
DC Current Gain
DDC124EU
DDC144EU
DDC114YU
DDC123JU
DDC114EU
Gl
56
68
68
80
30
⎯
⎯
⎯
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 10mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
Input Resistor (R1) Tolerance
ΔR1
-30
⎯
+30
%
⎯
Resistance Ratio Tolerance
R2/R1
-20
⎯
+20
%
⎯
Gain-Bandwidth Product*
fT
⎯
250
⎯
MHz VCE = 10V, IE = 5mA, f = 100MHz
* Transistor - For Reference Only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com