Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCX124EU Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DCX124EU
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX124EU Datasheet(HTML) 2 Page - Diodes Incorporated

  DCX124EU_2 Datasheet HTML 1Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 2Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 3Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 4Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 5Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 6Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 7Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 8Page - Diodes Incorporated DCX124EU_2 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS30347 Rev. 11 - 2
2 of 12
www.diodes.com
DCX (xxxx) U
© Diodes Incorporated
Maximum Ratings PNP Section @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Supply Voltage, (4) to (3)
VCC
50
V
Input Voltage, (5) to (4)
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143TU
DCX143EU
DCX114TU
VIN
+10 to -40
+10 to -40
+6 to -40
+5 to -12
+10 to -40
+5V max
+10 to -30
+5V max
V
Output Current
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143TU
DCX143EU
DCX114TU
IO
-30
-30
-70
-100
-50
-100
-100
-100
mA
Output Current
All
IC (Max)
-100
mA
Power Dissipation (Total)
(Page 1: Note 2)
PD
200
mW
Thermal Resistance, Junction to Ambient Air
(Page 1: Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com