Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCX124EU Datasheet(PDF) 9 Page - Diodes Incorporated

Part # DCX124EU
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX124EU Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button DCX124EU Datasheet HTML 4Page - Diodes Incorporated DCX124EU Datasheet HTML 5Page - Diodes Incorporated DCX124EU Datasheet HTML 6Page - Diodes Incorporated DCX124EU Datasheet HTML 7Page - Diodes Incorporated DCX124EU Datasheet HTML 8Page - Diodes Incorporated DCX124EU Datasheet HTML 9Page - Diodes Incorporated DCX124EU Datasheet HTML 10Page - Diodes Incorporated DCX124EU Datasheet HTML 11Page - Diodes Incorporated DCX124EU Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Typical Curves – DCX143EU
NPN Section (Continued)
I , OUTPUT CURRENT (mA)
Fig. 23 Typical V
vs. I
C
I(ON)
C
I , COLLECTOR CURRENT (mA)
Fig. 22 Typical V
vs. I
C
BE(SAT)
C
Typical Curves – DCX114TU
PNP Section
10
1,000
100
1
110
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
Fig. 24 Typical V
vs. I
C
CE(SAT)
C
I/I = 10
CB
T = -25 C
A
°
T = 75 C
A
°
T = 25 C
A
°
100
I , COLLECTOR CURRENT (mA)
Fig. 25 Typical DC Current Gain
C
0
1
3
4
020
DS30347 Rev. 11 - 2
9 of 12
www.diodes.com
DCX (xxxx) U
© Diodes Incorporated
30
0.01
0.1
1
10
100
01
2
3
4
89
10
V , INPUT VOLTAGE (V)
Fig. 27 Typical Collector Current vs. Input Voltage
IN
T = -25°C
A
5
67
0.001
V , REVERSE BIAS VOLTAGE (V)
Fig. 26 Typical Output Capacitance
R
10
515
25
I = 0mA
f = 1MHz
E
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com