Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBRM360 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MBRM360
Description  3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MBRM360 Datasheet(HTML) 3 Page - Diodes Incorporated

  MBRM360_2 Datasheet HTML 1Page - Diodes Incorporated MBRM360_2 Datasheet HTML 2Page - Diodes Incorporated MBRM360_2 Datasheet HTML 3Page - Diodes Incorporated MBRM360_2 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30355 Rev. 5 - 2
3 of 3
www.diodes.com
MBRM360
© Diodes Incorporated
NOT RECOMMENDED FOR NEW DESIGN
USE PDS360
0
0.5
1
1.5
2.5
2
3
3.5
4
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 5 DC Forward Current Derating
A
0
1
2
3
4
0
1
23
4
56
7
I
, AVERAGE FORWARD CURRENT (A)
Fig. 6 Forward Power Dissipation
F(AV)
Notes:
3.
TA = TSOLDERING POINT, RθJS = 3.2°C/W, RθSA = 0°C/W.
4.
Device mounted on GETEK substrate, 2”x2”, 2 oz. copper, double-sided, cathode pad dimensions 0.75” x 1.0”, anode pad
dimensions 0.25” x 1.0”. RθJA in range of 20-40°C/W.
5.
Device mounted on FR-4 substrate, 2”x2”, 2 oz. copper, single-sided, pad layout as per Diodes Inc. suggested pad layout
document AP02001 which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. RθJA in range of
100-120°C/W.
6.
Maximum power dissipation when the device is mounted in accordance to the conditions described in Note 4.
7.
Maximum power dissipation when the device is mounted in accordance to the conditions described in Note 5.
Ordering Information (Note 8)
Device
Packaging
Shipping
MBRM360-13-F
POWERMITE
®3
5000/Tape & Reel
Notes:
8. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
MBRM360 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last digit of year (ex: 02 for 2002)
WW = Week code (01 to 53)
(K) = Factory Designator
YYWW(K)
MBRM360



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com