Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADL5502ACBZ-P2 Datasheet(PDF) 14 Page - Analog Devices

Part # ADL5502ACBZ-P2
Description  450 MHz to 6000 MHz Crest Factor Detector
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5502ACBZ-P2 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADL5502ACBZ-P2 Datasheet HTML 10Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 11Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 12Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 13Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 14Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 15Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 16Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 17Page - Analog Devices ADL5502ACBZ-P2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
ADL5502
Rev. A | Page 14 of 28
10μs/DIV
160mV rms
400mV rms
160mV rms
400mV rms RF INPUT
PEAK
VRMS
ENBL
Figure 42. Output Response to Enable Gating at Various RF Input Levels,
Supply 3 V, 900 MHz Frequency, CFLTR = 10 nF, COUT = Open
10μs/DIV
160mV rms
400mV rms
160mV rms
400mV rms RF INPUT
PEAK
VRMS
ENBL
Figure 43. Output Response to Enable Gating at Various RF Input Levels,
Supply 3 V, 900 MHz Frequency, CFLTR = 22 nF, COUT = Open
POWER
SUPPLY
RF SIGNAL
GENERATOR
PULSE
GENERATOR
0.1µF
CFLTR
OSCILLOSCOPE
FET PROBE
AD811
732Ω
50Ω
75Ω
100pF
FLTR
VPOS
RFIN
VRMS
PEAK
CNTL
COMM
ENBL
ADL5502
8
4
1
2
3
7
6
5
Figure 40. Hardware Configuration for Output Response to
Enable Gating Measurements
10μs/DIV
160mV rms
400mV rms
160mV rms
400mV rms RF INPUT
PEAK
VRMS
ENBL
Figure 41. Output Response to Enable Gating at Various RF Input Levels,
Supply 3 V, 900 MHz Frequency, CFLTR = Open, COUT = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com