Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCX122LU Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DCX122LU
Description  COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX122LU Datasheet(HTML) 3 Page - Diodes Incorporated

  DCX122LU Datasheet HTML 1Page - Diodes Incorporated DCX122LU Datasheet HTML 2Page - Diodes Incorporated DCX122LU Datasheet HTML 3Page - Diodes Incorporated DCX122LU Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30425 Rev. 5 - 2
3 of 4
www.diodes.com
DCX (LO-R1) U
© Diodes Incorporated
Electrical Characteristics PNP Section @TA = 25°C unless otherwise specified
R1, R2 Types
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
DCX122LU
DCX142JU
Vl(off)
-0.3
-0.3
⎯
⎯
V
VCC = -5V, IO = -100μA
Input Voltage
DCX122LU
DCX142JU
Vl(on)
⎯
⎯
-2.0
-2.0
V
VO = -0.3V, IO = -20mA
VO = -0.3V, IO = -20mA
Output Voltage
VO(on)
⎯
⎯
-0.3V
V
IO/Il = -5mA/-0.25mA
Input Current
DCX122LU
DCX142JU
Il
⎯
⎯
-28
-13
mA VI = -5V
Output Current
IO(off)
⎯
⎯
-0.5
μA VCC = -50V, VI = 0V
DC Current Gain
DCX122LU
DCX142JU
Gl
56
56
⎯
⎯
⎯
VO = -5V, IO = -10mA
Gain-Bandwidth Product*
fT
⎯
200
⎯
MHz VCE = -10V, IE = -5mA, f = 100MHz
* Transistor - For Reference Only
Electrical Characteristics PNP Section
@TA = 25°C unless otherwise specified
R1 Only Types
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-50
⎯
⎯
V
IC = -50μA
Collector-Emitter Breakdown Voltage
BVCEO
-40
⎯
⎯
V
IC = -1mA
Emitter-Base Breakdown Voltage
DCX122TU
DCX142TU
BVEBO
-5
⎯
⎯
V
IE = -50μA
IE = -50μA
Collector Cutoff Current
ICBO
⎯
⎯
-0.5
μA
VCB = -50V
Emitter Cutoff Current
DCX122TU
DCX142TU
IEBO
⎯
⎯
⎯
-0.5
-0.5
μA
VEB = -4V
Collector-Emitter Saturation Voltage
VCE(sat)
⎯
⎯
-0.3
V
IC = -5mA, IB = -0.25mA
DC Current Transfer Ratio
DCX122TU
DCX142TU
hFE
100
100
250
250
600
600
⎯
IC = -1mA, VCE = -5V
Gain-Bandwidth Product*
fT
⎯
200
⎯
MHz VCE = -10V, IE = 5mA, f = 100MHz
* Transistor - For Reference Only
-50
050
100
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve
A
°
150
(150mW per element must not be exceeded).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com