Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDA004 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SDA004
Description  DATA BUS TRANSIENT SUPPRESSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDA004 Datasheet(HTML) 2 Page - Diodes Incorporated

  SDA004 Datasheet HTML 1Page - Diodes Incorporated SDA004 Datasheet HTML 2Page - Diodes Incorporated SDA004 Datasheet HTML 3Page - Diodes Incorporated SDA004 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SDA004
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
SDA004
Document number: DS30452 Rev. 8 - 2
2 of 4
www.diodes.com
June 2008
© Diodes Incorporated
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 7)
V(BR)R
80
⎯
⎯
V
IR = 100μA
Forward Voltage
VF
0.62
⎯
⎯
⎯
⎯
0.72
0.93
1.0
1.25
V
IF = 5.0mA
IF = 20mA
IF = 100mA
IF = 150mA
Reverse Current (Note 7)
IR
⎯
⎯
100
50
30
25
nA
μA
μA
nA
VR = 70V
VR = 75V, TJ = 150°C
VR = 25V, TJ = 150°C
VR = 20V
Capacitance, Between I/O Lines (I/O1 & I/O2)
CLL
⎯
2.5
4.0
pF
VR = 0V, f = 1.0MHz
Capacitance Between I/O Line and Ground
CLG
⎯
3.3
5.3
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
⎯
⎯
4.0
ns
VR = 6V, IF = 5mA
Notes:
7. Short duration pulse test used to minimize self-heating effect.
0
50
100
150
200
250
040
80
120
160
200
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Derating Curve, Total Package
A
°
10.0
1.0
0.4
0
10.0
9.0
1.0
8.0
7.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics, High Current,
Per Element
F
2.0 3.0 4.0 5.0 6.0
10
100
1,000
1
0.1
0
1.6
1.2
0.4
0.8
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 3 Typical Forward Characteristics, Low Current,
Per Element
F
0.1
1
10
100
1,000
10,000
0
20
40
60
80
100
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 4 Typical Reverse Characteristics, Per Element
R



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com