Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT760 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAT760
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT760 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAT760 Datasheet HTML 1Page - Diodes Incorporated BAT760 Datasheet HTML 2Page - Diodes Incorporated BAT760 Datasheet HTML 3Page - Diodes Incorporated BAT760 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAT760
Document number: DS30498 Rev. 7 - 2
1 of 4
www.diodes.com
October 2010
© Diodes Incorporated
BAT760
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Features
•
Very Low Forward Voltage Drop
•
Guard Ring Construction for Transient Protection
•
High Conductance
•
Lead, Halogen and Antimony Free/RoHS Compliant (Note 1)
•
"Green" Device (Notes 2 & 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOD-323
•
Case Material - Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminal Connections: Cathode Band
•
Terminals: Finish
⎯ Matte Tin Annealed Over Alloy 42
Leadframe. Solderable per MIL-STD-202, Method 208
•
Weight: 0.004 grams (approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
BAT760-7
SOD-323
3000/Tape & Reel
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. Product manufactured with Green Molding Compound and does not contain Halogens or Sb2O3 Fire Retardants.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
LZ = Product Type Marking Code
LZ


Similar Part No. - BAT760

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT760 PHILIPS-BAT760 Datasheet
56Kb / 7P
Schottky barrier diode
2004 Jan 26
logo
Diodes Incorporated
BAT760 DIODES-BAT760 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30498 Rev. 5 - 2
logo
NXP Semiconductors
BAT760 NXP-BAT760 Datasheet
56Kb / 9P
Medium power Schottky barrier single diode
Rev. 03-17 October 2008
BAT760 NXP-BAT760 Datasheet
64Kb / 9P
Medium power Schottky barrier single diode
Rev. 03-17 October 2008
logo
SHIKUES Electronics
BAT760 SKTECHNOLGY-BAT760 Datasheet
467Kb / 2P
Low current rectifier Schottky diode
More results

Similar Description - BAT760

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com