Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS1045 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PDS1045
Description  10A SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS1045 Datasheet(HTML) 3 Page - Diodes Incorporated

  PDS1045 Datasheet HTML 1Page - Diodes Incorporated PDS1045 Datasheet HTML 2Page - Diodes Incorporated PDS1045 Datasheet HTML 3Page - Diodes Incorporated PDS1045 Datasheet HTML 4Page - Diodes Incorporated PDS1045 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PDS1045
Document number: DS30539 Rev. 13 - 2
3 of 5
www.diodes.com
November 2010
© Diodes Incorporated
PDS1045
PowerDI is a registered trademark of Diodes Incorporated.
0
1.5
3.0
4.5
6.0
0
3
6
9
12
15
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
10
1
100m
1m
10m
100
015
30
45
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
T = 25°C
J
T = 85°C
J
T = 125°C
J
T = -65°C
J
100
0
10
30
20
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
0
2.5
5.0
7.5
12.5
10.0
0
25
50
75
100
125
150
175
T , AMBIENT TEMPERATURE (°C)
Fig. 5 Forward Current Derating Curve
A
0
40
20
200
180
160
140
120
100
80
60
0
10
15
5
20
25
30
35
40
45
V , DC REVERSE VOLTAGE (V)
Fig. 6 Operating Temperature Derating
R



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com