Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN601TK Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN601TK
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN601TK Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN601TK Datasheet HTML 1Page - Diodes Incorporated DMN601TK Datasheet HTML 2Page - Diodes Incorporated DMN601TK Datasheet HTML 3Page - Diodes Incorporated DMN601TK Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DMN601TK
Document number: DS30654 Rev. 5 - 2
3 of 4
www.diodes.com
March 2009
© Diodes Incorporated
DMN601TK
0
T
, CHANNEL TEMPERATURE ( C)
Fig. 7
CH
°
Static Drain-Source On-State Resistance
vs. Channel Temperature
V
= 10V
Pulsed
GS
I = 300mA
D
I = 150mA
D
V
= 0V
Pulsed
GS
T= -55 C
A
°
T
= 150 C
A
°
T
= 125 C
A
°
T
= 85 C
A
°
T = 25 C
A
°
T = 0 C
A
°
T = -25 C
A
°
1
V= 0V
GS
V
= 10V
GS
T = 25°C
Pulsed
A
1
I , DRAIN CURRENT (A)
D
Fig.10 Forward Transfer Admittance
vs. Drain Current
V
= 10V
Pulsed
GS
T = 25 C
A
°
T = -55 C
A
°
T = 150 C
A
°
T = 85 C
A
°
Ordering Information (Note 6)
Part Number
Case
Packaging
DMN601TK-7
SOT-523
3000/Tape & Reel
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2005
2006
2007
2008
2009
2010
2011
2012
Code
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
K7K = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: S = 2005)
M = Month (ex: 9 = September)
K7K
YM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com