Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMA30401 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # DMA30401
Description  Silicon PNP epitaxial planar type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DMA30401 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  DMA30401 Datasheet HTML 1Page - Panasonic Semiconductor DMA30401 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Note: 1. *1 Measuring on substrate at 17 mm × 10 mm × 1 mm
Tr1, Tr2
(Common base, input open circuited)
Note: Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 Measuring
methods for transistors.
Embossed type (Thermo-compression sealing) R specification : 10 000 pcs / reel
mW
°C
°C
Pin name
Unit
V
V
V
6. Collector(Tr1)
2. Base(Tr1)
5. Base(Tr2)
Collector(Tr2)
4. Emitter(Tr2)
Internal Connection
2pF
-0.2
-0.5
V
150
MHz
Collector output capacitance
Cob
VCB = -10 V, IE = 0, f = 1 MHz
Transition frequency
fT
VCE = -10 V, IC = -2 mA
Collector-emitter saturation voltage
VCE(sat) IC = -100 mA, IB = -10 mA
-100
μA
Forward current transfer ratio
hFE
VCE = -10 V, IC = -2mA
210
460
-
Collector-emitter cutoff current (Base open)
ICEO
VCE = -10 V, IB = 0
V
Collector-base cutoff current (Emitter open)
ICBO
VCB = -20 V, IE = 0
-0.1
μA
Emitter-base voltage (Collector open)
VEBO
IE = -10 μA, IC = 0
-7
V
Collector-emitter voltage (Base open)
VCEO
IC = -2 mA, IB = 0
-50
V
Collector-base voltage (Emitter open)
VCBO
IC = -10 μA, IE = 0
-60
Max
Unit
Electrical Characteristics Ta = 25 °C ±3 °C
Parameter
Symbol
Conditions
Min
1. Emitter(Tr1)
3.
Typ
Emitter-base voltage (Collector open)
VEBO
Collector current
mA
-100
-60
Collector-emitter voltage (Base open)
VCEO
-50
Packing
Semiconductor Company, Panasonic Corporation
2010.3.1
2010.9.6
Prepared
Revised
Tentative
DMA30401
Total pages
page
Tstg
DMA30401
Silicon PNP epitaxial planar type (Tr1)
For general amplification
Marking Symbol : A7
Silicon PNP epitaxial planar type (Tr2)
Tr1
Tr2
Collector-base voltage (Emitter open)
VCBO
IC
Peak collector current
ICp
-200
mA
Absolute Maximum Ratings Ta = 25 °C
Symbol
Rating
Parameter
-55 to +150
-7
Package Code : SSSMini6-F2-B
Overall
Total power dissipation
*1
PT
125
Junction temperature
Tj
150
Storage temperature
3
4
5
6
Tr 1
Tr 2
2
1


Similar Part No. - DMA30401

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DMA30E1800HA IXYS-DMA30E1800HA Datasheet
314Kb / 5P
Standard Rectifier
DMA30IM1600PZ IXYS-DMA30IM1600PZ Datasheet
141Kb / 5P
Standard Rectifier
DMA30P1200HB IXYS-DMA30P1200HB Datasheet
384Kb / 5P
Standard Rectifier
DMA30P1600HB IXYS-DMA30P1600HB Datasheet
384Kb / 5P
Standard Rectifier
DMA30P1600HR IXYS-DMA30P1600HR Datasheet
407Kb / 5P
Phase leg
2019.11.29
More results

Similar Description - DMA30401

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
UP04315 PANASONIC-UP04315 Datasheet
106Kb / 4P
Silicon NPN epitaxial planar type Silicon PNP epitaxial planar type
XP04113 PANASONIC-XP04113 Datasheet
86Kb / 3P
Silicon PNP epitaxial planar type
logo
Guangdong Kexin Industr...
2SB929A KEXIN-2SB929A Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB928A KEXIN-2SB928A Datasheet
40Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1589 KEXIN-2SB1589 Datasheet
49Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB934 KEXIN-2SB934 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB1218 KEXIN-2SB1218 Datasheet
46Kb / 1P
Silicon PNP Epitaxial Planar Type
2SA1022 KEXIN-2SA1022 Datasheet
36Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB936 KEXIN-2SB936 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
2SB967 KEXIN-2SB967 Datasheet
39Kb / 1P
Silicon PNP Epitaxial Planar Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com