Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD3S0230 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PD3S0230
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PD3S0230 Datasheet(HTML) 2 Page - Diodes Incorporated

  PD3S0230 Datasheet HTML 1Page - Diodes Incorporated PD3S0230 Datasheet HTML 2Page - Diodes Incorporated PD3S0230 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PD3S0230
Document number: DS30722 Rev. 7 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated
PD3S0230
owerDI is a registered trademark of Diodes Incorporated.
0.01
0.1
1
10
100
0
0.1
1
10
100
1,000
10,000
0.2
0.4
0.6
0.8
11.2
1.4
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
P
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
10
20
30
0
0.001
0.0001
0.25
0.2
0.1
0
025
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
Fig. 4 DC Forward Current Derating
A
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
10
15
20
25
20
16
18
14
12
10
2
4
6
8
30
5
0
25
150
175
100
125
75
50
010
20
30
V , DC REVERSE VOLTAGE (V)
Fig. 5 Operating Temperature Derating
R
0
I , FORWARD CURRENT (A)
Fig. 6 Forward Power Dissipation
F
0
0.2
0.2
0.1
0.5
0.8
0.4
0.4
0.3
0.6
0.6
I
I
PK
AV
=1 ( D C )
Notes:
4. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com