Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54LPS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAT54LPS
Description  0.2A SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAT54LPS Datasheet(HTML) 2 Page - Diodes Incorporated

  BAT54LPS Datasheet HTML 1Page - Diodes Incorporated BAT54LPS Datasheet HTML 2Page - Diodes Incorporated BAT54LPS Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30810 Rev. 2 - 2
2 of 3
www.diodes.com
BAT54LPS
© Diodes Incorporated
Fig.1 Typical Forward Characteristics
0.1
1
10
100
1,000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T = -55°C
A
T = 25°C
A
T = 75°C
A
T = 125°C
A
Fig. 2 Typical Reverse Characteristics
0.1
10
1,000
100,000
0
5
10
15
20
25
30
V , REVERSE VOLTAGE (V)
R
T = -55°C
A
T = 25°C
A
T = 75°C
A
T = 125°C
A
Fig. 3 Typical Total Capacitance
0
2
4
6
8
10
12
14
16
010
20
V , REVERSE VOLTAGE (V)
R
30
f = 1MHz
0.00
0.05
0.1
0.15
0.2
0.25
0.3
0
25
50
75
100
125
150
175
Note 4
Fig. 5 Forward Power Dissipation
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0
0.1
0.2
0.3
0.4
0.5
0.6
I
, AVERAGE FORWARD CURRENT (A)
F(av)
Fig. 6 Operating Temperature Derating
0
25
50
75
100
125
0
5
10
15
20
25
30
V , DC REVERSE VOLTAGE (V)
R
Note 4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com