Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2005LPK Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN2005LPK
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2005LPK Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN2005LPK Datasheet HTML 1Page - Diodes Incorporated DMN2005LPK Datasheet HTML 2Page - Diodes Incorporated DMN2005LPK Datasheet HTML 3Page - Diodes Incorporated DMN2005LPK Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMN2005LPK
Document number: DS30836 Rev. 7 - 2
1 of 4
www.diodes.com
October 2007
© Diodes Incorporated
DMN2005LPK
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Features
Low On-Resistance
Low Gate Threshold Voltage
Fast Switching Speed
Low Input/Output Leakage
Ultra-Small Surface Mount Package
Lead Free By Design/RoHS Compliant (Note 2)
"Green" Device (Note 3)
ESD Protected Gate
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: DFN1006-3
Case Material: Molded Plastic, “Green” Molding
Compound. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminal Connections: See Diagram
Terminals: Finish – NiPdAu over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 3
Ordering Information: See Page 3
Weight: 0.001 grams (approximate)
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
DFN1006-3
D
S
G
BOTTOM VIEW
TOP VIEW
Internal Schematic
Equivalent Circuit
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±10
V
Drain Current per element (Note 1)
ID
440
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 1)
PD
450
mW
Thermal Resistance, Junction to Ambient
RθJA
218
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 4)
Drain-Source Breakdown Voltage
BVDSS
20
V
VGS = 0V, ID = 100μA
Zero Gate Voltage Drain Current
IDSS
10
μA
VDS = 17V, VGS = 0V
Gate-Source Leakage
IGSS
±5
μA
VGS = ±8V, VDS = 0V
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(th)
0.53
1.2
V
VDS = VGS, ID = 100μA
Static Drain-Source On-Resistance
RDS (ON)
1.2
1.3
1.2
2.4
2.5
1.5
1.7
1.7
3.5
3.5
Ω
VGS = 4V, ID = 10mA
VGS = 2.7V, ID = 200mA
VGS = 2.5V, ID = 10mA
VGS = 1.8V, ID = 200mA
VGS = 1.5V, ID = 1mA
Forward Transfer Admittance
|Yfs|
40
mS
VDS = 3V, ID = 10mA
Notes:
1. Device mounted on FR-4 PCB.
2. No purposefully added lead
3. Diodes Inc's "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php
4. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - DMN2005LPK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN2005LPK DIODES-DMN2005LPK Datasheet
130Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30836 Rev. 3 - 1
DMN2005LPK-7 DIODES-DMN2005LPK-7 Datasheet
130Kb / 4P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30836 Rev. 3 - 1
DMN2005LPK-7 DIODES-DMN2005LPK-7 Datasheet
461Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
DMN2005LPK-7B DIODES-DMN2005LPK-7B Datasheet
461Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
DMN2005LPK DIODES-DMN2005LPK_15 Datasheet
461Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 10
More results

Similar Description - DMN2005LPK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com