Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN2004VK Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMN2004VK
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN2004VK Datasheet(HTML) 2 Page - Diodes Incorporated

  DMN2004VK Datasheet HTML 1Page - Diodes Incorporated DMN2004VK Datasheet HTML 2Page - Diodes Incorporated DMN2004VK Datasheet HTML 3Page - Diodes Incorporated DMN2004VK Datasheet HTML 4Page - Diodes Incorporated DMN2004VK Datasheet HTML 5Page - Diodes Incorporated DMN2004VK Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DMN2004VK
Document number: DS30865 Rev. 4 - 2
2 of 6
www.diodes.com
July 2010
© Diodes Incorporated
DMN2004VK
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
20
⎯
⎯
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
IDSS
⎯
⎯
1
μA
VDS = 16V, VGS = 0V
Gate-Source Leakage
IGSS
⎯
⎯
±1
μA
VGS = ±4.5V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.5
⎯
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS (ON)
⎯
0.4
0.5
0.7
0.55
0.70
0.9
Ω
VGS = 4.5V, ID = 540mA
VGS = 2.5V, ID = 500mA
VGS = 1.8V, ID = 350mA
Forward Transfer Admittance
|Yfs|
200
⎯
⎯
ms
VDS =10V, ID = 0.2A
Diode Forward Voltage (Note 5)
VSD
0.5
⎯
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
⎯
150
pF
VDS = 16V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
⎯
25
pF
Reverse Transfer Capacitance
Crss
⎯
⎯
20
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
td(on)
⎯
8.0
⎯
ns
VDD = 10V, RL = 47Ω,
ID = 200mA. VGEN = 4.5V,
RG = 10Ω
Rise Time
tr
⎯
13.3
⎯
ns
Turn-Off Delay Time
td(off)
⎯
53.5
⎯
ns
Fall Time
tf
⎯
36.1
⎯
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.
0
0
12
3
45
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 Typical Output Characteristics
DS
V
, GATE-SOURCE VOLTAGE (V)
Fig. 2
GS
Reverse Drain Current vs. Source-Drain Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com