Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3L30LP Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B3L30LP
Description  3A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B3L30LP Datasheet(HTML) 1 Page - Diodes Incorporated

  B3L30LP Datasheet HTML 1Page - Diodes Incorporated B3L30LP Datasheet HTML 2Page - Diodes Incorporated B3L30LP Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B3L30LP
Document number: DS30915 Rev. 7 - 2
1 of 3
www.diodes.com
March 2009
© Diodes Incorporated
B3L30LP
3A SCHOTTKY BARRIER RECTIFIER
Features
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
Low Forward Voltage Drop
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
High Forward Surge Current Capability
Lead Free by Design, RoHS Compliant (Note 1)
"Green" Device (Note 3)
Mechanical Data
Case: DFN3030-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminals: Finish - NiPdAu over Copper lead frame.
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.0172 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
3
°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
130
°C/W
Power Dissipation (Note 5)
(Note 6)
(Note 7)
PD
2.5
4.0
4.5
W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 4)
V(BR)R
30
V
IR = 5.0mA
Forward Voltage
VF
0.28
0.30
0.18
0.33
0.22
0.35
0.26
0.35
0.29
0.40
0.37
0.45
0.42
V
IF = 0.5A, TJ = 25°C
IF = 1.0A, TJ = 25°C
IF = 1.0A, TJ = 125°C
IF = 2.0A, TJ = 25°C
IF = 2.0A, TJ = 125°C
IF = 3.0A, TJ = 25°C
IF = 3.0A, TJ = 125°C
Reverse Current (Note 4)
IR
0.27
55
1.0
90
mA
mA
TJ = 25°C, VR = 30V
TJ = 100°C, VR = 30V
Notes:
1. No purposefully added lead.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Short duration pulse test used to minimize self-heating effect.
5. Device mounted on FR-4 PCB, 25mm
2 pad area.
6. Device mounted on FR-4 PCB, 75mm
2 pad area.
7. Aluminum PCB with copper mounting pad area of 75mm
2.
Bottom View
BOTTOM VIEW
Schematic and Pin Configuration
C
CC
C
A
A
AA
C = CATHODE
A = ANODE
Please click here to visit our online spice models database.


Similar Part No. - B3L30LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B3L30LP DIODES-B3L30LP Datasheet
84Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
B3L30LP-7 DIODES-B3L30LP-7 Datasheet
84Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
B3L30LP DIODES-B3L30LP_15 Datasheet
253Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev 11
More results

Similar Description - B3L30LP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS360 DIODES-PDS360 Datasheet
82Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 7 - 2
B3L30LP DIODES-B3L30LP Datasheet
84Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
PDS340 DIODES-PDS340_10 Datasheet
101Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30478 Rev. 8 - 2
PDS360 DIODES-PDS360_10 Datasheet
97Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 10 - 2
logo
KODENSHI_AUK CORP.
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB320-1 KODENSHI-SDB320-1 Datasheet
234Kb / 5P
20V, 3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B3L30LP DIODES-B3L30LP_15 Datasheet
253Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev 11
logo
Unisonic Technologies
SB3U40 UTC-SB3U40 Datasheet
119Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev erse
PDS360Q DIODES-PDS360Q Datasheet
232Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com