Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3L30LP-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # B3L30LP-7
Description  3A SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B3L30LP-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  B3L30LP-7 Datasheet HTML 1Page - Diodes Incorporated B3L30LP-7 Datasheet HTML 2Page - Diodes Incorporated B3L30LP-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B3L30LP
Document number: DS30915 Rev. 7 - 2
1 of 3
www.diodes.com
March 2009
© Diodes Incorporated
B3L30LP
3A SCHOTTKY BARRIER RECTIFIER
Features
•
Guard Ring Die Construction for Transient Protection
•
Low Power Loss, High Efficiency
•
Low Forward Voltage Drop
•
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
•
High Forward Surge Current Capability
•
Lead Free by Design, RoHS Compliant (Note 1)
•
"Green" Device (Note 3)
Mechanical Data
•
Case: DFN3030-8
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish - NiPdAu over Copper lead frame.
Solderable per MIL-STD-202, Method 208
•
Polarity: See Diagram
•
Marking Information: See Page 2
•
Ordering Information: See Page 2
•
Weight: 0.0172 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
30
V
RMS Reverse Voltage
VR(RMS)
21
V
Average Rectified Output Current
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
30
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
⎯
3
°C/W
Thermal Resistance Junction to Ambient Air (Note 2)
RθJA
130
⎯
°C/W
Power Dissipation (Note 5)
(Note 6)
(Note 7)
PD
⎯
⎯
⎯
2.5
4.0
4.5
W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 4)
V(BR)R
30
⎯
⎯
V
IR = 5.0mA
Forward Voltage
VF
⎯
⎯
⎯
⎯
⎯
⎯
⎯
0.28
0.30
0.18
0.33
0.22
0.35
0.26
⎯
0.35
0.29
0.40
0.37
0.45
0.42
V
IF = 0.5A, TJ = 25°C
IF = 1.0A, TJ = 25°C
IF = 1.0A, TJ = 125°C
IF = 2.0A, TJ = 25°C
IF = 2.0A, TJ = 125°C
IF = 3.0A, TJ = 25°C
IF = 3.0A, TJ = 125°C
Reverse Current (Note 4)
IR
⎯
⎯
0.27
55
1.0
90
mA
mA
TJ = 25°C, VR = 30V
TJ = 100°C, VR = 30V
Notes:
1. No purposefully added lead.
2. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com/datasheets/ap02001.pdf. TA = 25°C.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Short duration pulse test used to minimize self-heating effect.
5. Device mounted on FR-4 PCB, 25mm
2 pad area.
6. Device mounted on FR-4 PCB, 75mm
2 pad area.
7. Aluminum PCB with copper mounting pad area of 75mm
2.
Bottom View
BOTTOM VIEW
Schematic and Pin Configuration
C
CC
C
A
A
AA
C = CATHODE
A = ANODE
Please click here to visit our online spice models database.


Similar Part No. - B3L30LP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B3L30LP-7 DIODES-B3L30LP-7 Datasheet
84Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
More results

Similar Description - B3L30LP-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS360 DIODES-PDS360 Datasheet
82Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 7 - 2
B3L30LP DIODES-B3L30LP Datasheet
84Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
PDS340 DIODES-PDS340_10 Datasheet
101Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30478 Rev. 8 - 2
PDS360 DIODES-PDS360_10 Datasheet
97Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 10 - 2
logo
KODENSHI_AUK CORP.
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB320-1 KODENSHI-SDB320-1 Datasheet
234Kb / 5P
20V, 3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
B3L30LP DIODES-B3L30LP_15 Datasheet
253Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev 11
logo
Unisonic Technologies
SB3U40 UTC-SB3U40 Datasheet
119Kb / 3P
3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev erse
PDS360Q DIODES-PDS360Q Datasheet
232Kb / 5P
3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com