Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN5L06K Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN5L06K
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN5L06K Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN5L06K Datasheet HTML 1Page - Diodes Incorporated DMN5L06K Datasheet HTML 2Page - Diodes Incorporated DMN5L06K Datasheet HTML 3Page - Diodes Incorporated DMN5L06K Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DMN5L06K
Document number: DS30929 Rev. 5 - 2
1 of 4
www.diodes.com
January 2009
© Diodes Incorporated
DMN5L06K
N-CHANNEL ENHANCEMENT MODE MOSFET
Features
•
Low On-Resistance
•
Very Low Gate Threshold Voltage (1.0V max)
•
Low Input Capacitance
•
Fast Switching Speed
•
Low Input/Output Leakage
•
Lead Free By Design/RoHS Compliant (Note 2)
•
ESD Protected Up To 2kV
•
"Green" Device (Note 4)
•
Qualified to AEC-Q101 standards for High Reliability
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Finish – Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Marking Information: See Page 4
•
Ordering Information: See Page 4
•
Weight: 0.008 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Drain Source Voltage
VDSS
50
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Note 1)
Continuous
Pulsed (Note 3)
ID
300
800
mA
Thermal Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 1)
PD
350
mW
Thermal Resistance, Junction to Ambient
RθJA
357
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
50
⎯
⎯
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
@ TC = 25°C
IDSS
⎯
⎯
60
nA
VDS = 50V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
1
500
50
μA
nA
nA
VGS = ±12V, VDS = 0V
VGS = ±10V, VDS = 0V
VGS = ±5V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
0.49
⎯
1.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
⎯
⎯
⎯
⎯
⎯
⎯
3.0
2.5
2.0
Ω
VGS = 1.8V, ID = 50mA
VGS = 2.5V, ID = 50mA
VGS = 5.0V, ID = 50mA
On-State Drain Current
ID(ON)
0.5
1.4
⎯
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
|Yfs|
200
⎯
⎯
mS
VDS =10V, ID = 0.2A
Source-Drain Diode Forward Voltage
VSD
0.5
⎯
1.4
V
VGS = 0V, IS = 115mA
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
⎯
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
⎯
⎯
25
pF
Reverse Transfer Capacitance
Crss
⎯
⎯
5.0
pF
Notes:
1. Device mounted on FR-4 PCB.
2. No purposefully added lead.
3. Pulse width
≤10mS, Duty Cycle ≤1%.
4. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
5. Short duration pulse test used to minimize self-heating effect.
SOT-23
TOP VIEW
ESD protected up to 2kV
Source
EQUIVALENT CIRCUIT
Gate
Protection
Diode
Gate
Drain
TOP VIEW
D
G
S
Please click here to visit our online spice models database.


Similar Part No. - DMN5L06K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN5L06K DIODES-DMN5L06K Datasheet
143Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30929 Rev. 2 - 2
DMN5L06K DIODES-DMN5L06K Datasheet
265Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
March 2014
DMN5L06K-7 DIODES-DMN5L06K-7 Datasheet
143Kb / 5P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30929 Rev. 2 - 2
DMN5L06K-7 DIODES-DMN5L06K-7 Datasheet
265Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
March 2014
DMN5L06KQ-7 DIODES-DMN5L06KQ-7 Datasheet
265Kb / 6P
N-CHANNEL ENHANCEMENT MODE MOSFET
March 2014
More results

Similar Description - DMN5L06K

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com